Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V7803-2000 Datasheet (PDF) - CUI INC

V7803-2000 Datasheet PDF - CUI INC
Part # V7803-2000
Download  V7803-2000 Download
File Size   765.61 Kbytes
Page   6 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description pin compatible to LM78XX linear regulators

V7803-2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
V7803-2000 Datasheet PDF - CUI INC

Part # V7803-2000
Download  V7803-2000 Click to download

File Size   765.61 Kbytes
Page   6 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description pin compatible to LM78XX linear regulators

V7803-2000 Datasheet (HTML) - CUI INC


V7803-2000 Product details

DESCRIPTION

The V78XX switching regulator series is designed to be a high efficiency drop-in replacement for 78XX linear regulators. Unlike linear regulators, the V78XX series does not require a heatsink, creating a much more compact solution. Built-in short-circuit and over-temperature protections ensure very rugged operations. Additionally, low ripple and noise performance make the parts useful in a wide range of applications.



FEATURES

• efficiency up to 92%

• 2A current output

• operating temp: -40 ~ +85°C

• short circuit protection

• thermal shutdown

• low ripple and noise

• miniature SIP package, meets UL94-V0 requirement

• ultra low power loss

• negative output capacity

• pin compatible to LM78XX series

• MTBF >2,000,000 hours



 




Similar Part No. - V7803-2000

ManufacturerPart #DatasheetDescription
logo
CUI INC
V7803-2000 CUI-V7803-2000 Datasheet
805Kb / 5P
DC SWITCHING REGULATOR, NON-ISOLATED
V7803-2000 CUI-V7803-2000 Datasheet
653Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
V7803-2000 CUI-V7803-2000 Datasheet
765Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
V7803-2000 CUI-V7803-2000 Datasheet
1Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
More results


Similar Description - V7803-2000

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1188 MICROCHIP-TC1188 Datasheet
301Kb / 16P
MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
logo
Texas Instruments
LM340-N TI1-LM340-N Datasheet
963Kb / 19P
LM340/LM78XX Series 3-Terminal Positive Regulators
logo
Microchip Technology
TC1188 MICROCHIP-TC1188_13 Datasheet
299Kb / 18P
MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
10/26/12
logo
Texas Instruments
LM340T-12 TI-LM340T-12 Datasheet
2Mb / 28P
LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-5.0 TI-LM340T-5.0 Datasheet
2Mb / 28P
LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340S-12 TI-LM340S-12 Datasheet
2Mb / 28P
LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340K-5-0 TI1-LM340K-5-0 Datasheet
3Mb / 28P
LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM140K-15 TI1-LM140K-15 Datasheet
2Mb / 28P
LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-5 TI1-LM340T-5 Datasheet
2Mb / 28P
LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
LM7805C TI-LM7805C_15 Datasheet
1Mb / 11P
LM78XX Series Voltage Regulators
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com