Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STHDLS101A Datasheet (PDF) - STMicroelectronics

STHDLS101A Datasheet PDF - STMicroelectronics
Part # STHDLS101A
Download  STHDLS101A Download
File Size   365.84 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Enhanced AC coupled HDMI level shifter with configurable HPD output

STHDLS101A Datasheet (PDF)

Go To PDF Page Download Datasheet
STHDLS101A Datasheet PDF - STMicroelectronics

Part # STHDLS101A
Download  STHDLS101A Click to download

File Size   365.84 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Enhanced AC coupled HDMI level shifter with configurable HPD output

STHDLS101A Datasheet (HTML) - STMicroelectronics


STHDLS101A Product details

Description
The STHDLS101A is a high-speed high-definition multimedia interface (HDMI) level shifter that converts low-swing AC coupled differential input to HDMI 1.3 compliant open-drain current steering RX-terminated differential output. Through the existing PCI-E pins in the graphics and memory controller hub (GMCH) of PCs or notebook motherboards, the pixel clock provides the required bandwidth (1.65 Gbps, 2.25 Gbps) for the video supporting 720p, 1080i, 1080p with a total of 36-bit resolution. The HDMI is multiplexed onto the PCIe pins in the motherboard where the AC coupled HDMI at 1.2 V is output by GMCH. The AC coupled HDMI is then level shifter by this device to 3.3 V DC coupled HDMI output. The STHDLS101A supports up to 2.7 Gbps, which is enough for 12-bits of color depth per channel, as indicated in HDMI rev 1.3. The device operates from a single 3.3 V supply and is available in a 48-pin QFN package. QFN48 (7 x 7 mm)

Features
■ Converts low-swing alternating current (AC) coupled differential input to high-definition multimedia interface (HDMI) rev 1.3 compliant
■ HDMI level shifting operation up to 2.7 Gbps per lane
■ Integrated 50 Ω termination resistors for AC- coupled differential inputs
■ Input/output transition minimized differential signaling (TMDS) enable/disable
■ Output slew rate control on TMDS outputs to minimize electromagnetic interference (EMI) and eliminate external components such as RC and choke
■ Fail safe outputs for backdrive protection
■ No re-timing or configuration required
■ Inter-pair output skew < 250 ps, intra-pair output skew < 10 ps
■ Single power supply of 3.3 V
■ ESD protection: ±6 KV HBM on all I/O pins
■ Integrated display data channel (DDC) level shifters. Pass-gate voltage limiters allow 3.3 V termination on graphics and memory controller hub (GMCH) pins and 5 V DDC termination on HDMI connector pins
■ Level shifter and configurable output for HPD signal from HDMI/DVI connector
■ Integrated pull-down resistor on HPD_SINK and OE_N inputs

Applications
■ Notebooks, PC motherboards and graphic cards




Similar Part No. - STHDLS101A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STHDLS101 STMICROELECTRONICS-STHDLS101 Datasheet
491Kb / 25P
AC coupled HDMI level shifter
01-Dec-2008
STHDLS101QTR STMICROELECTRONICS-STHDLS101QTR Datasheet
491Kb / 25P
AC coupled HDMI level shifter
01-Dec-2008
STHDLS101T STMICROELECTRONICS-STHDLS101T Datasheet
397Kb / 26P
AC coupled HDMI level shifter with configurable HPD output
01-Dec-2008
STHDLS101TQTR STMICROELECTRONICS-STHDLS101TQTR Datasheet
397Kb / 26P
AC coupled HDMI level shifter with configurable HPD output
01-Dec-2008
More results


Similar Description - STHDLS101A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VDP411LS PERICOM-PI3VDP411LS Datasheet
439Kb / 11P
Digital Video Level Shifter from AC coupled digital video input to a DVI/HDMI transmitter
logo
NXP Semiconductors
PTN3300A NXP-PTN3300A Datasheet
133Kb / 23P
DVI/HDMI level shifter with inverting 1.1 V HPD
Rev. 01-30 June 2008
PTN3360A NXP-PTN3360A Datasheet
395Kb / 21P
Enhanced performance HDMI/DVI level shifter with inverting HPD
Rev. 02-8 October 2009
PTN3360B NXP-PTN3360B Datasheet
398Kb / 22P
Enhanced performance HDMI/DVI level shifter
Rev. 02-8 October 2009
logo
STMicroelectronics
STHDLS101 STMICROELECTRONICS-STHDLS101 Datasheet
491Kb / 25P
AC coupled HDMI level shifter
01-Dec-2008
STHDLS101T STMICROELECTRONICS-STHDLS101T Datasheet
397Kb / 26P
AC coupled HDMI level shifter with configurable HPD output
01-Dec-2008
logo
List of Unclassifed Man...
ASM1442 ETC2-ASM1442 Datasheet
366Kb / 18P
HDMI/DVI Level Shifter
logo
Texas Instruments
TDP0604 TI-TDP0604 Datasheet
1Mb / 58P
TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
DECEMBER 2021
TDP0604 TI-TDP0604_V01 Datasheet
2Mb / 65P
TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
DECEMBER 2021
TDP1204 TI-TDP1204 Datasheet
2Mb / 79P
TDP1204 12-Gbps, DC/AC-Coupled to HDMI™ 2.1 Level Shifter Hybrid Redriver
JULY 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com