Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST72325XXX Datasheet (PDF) - STMicroelectronics

ST72325XXX Datasheet PDF - STMicroelectronics
Part # ST72325XXX
Download  ST72325XXX Download
File Size   2435.43 Kbytes
Page   243 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SCI asynchronous serial interface

ST72325XXX Datasheet (PDF)

Go To PDF Page Download Datasheet
ST72325XXX Datasheet PDF - STMicroelectronics

Part # ST72325XXX
Download  ST72325XXX Click to download

File Size   2435.43 Kbytes
Page   243 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SCI asynchronous serial interface

ST72325XXX Datasheet (HTML) - STMicroelectronics


ST72325XXX Product details

Features
■ Memories – 16 to 60 Kbyte dual voltage High Density Flash (HDFlash) with readout protection capability. In-application programming and in-circuit programming for HDFlash devices – 512 to 2048 bytes RAM – HDFlash endurance: 100 cycles, data retention 20 years
■ Clock, reset and supply management – Enhanced low voltage supervisor (LVD) for main supply and auxiliary voltage detector (AVD) with interrupt capability – Clock sources: crystal/ceramic resonator oscillators, internal RC oscillator and bypass for external clock – PLL for 2x frequency multiplication – 4 power saving modes: Halt, Active Halt, Wait and Slow – Clock security system
■ Interrupt management – Nested interrupt controller – 14 interrupt vectors plus TRAP and RESET – Top Level Interrupt (TLI) pin on 64-pin devices – 9/6 external interrupt lines (on 4 vectors)
■ 1 analog peripheral (low current coupling) – 10-bit ADC with up to 16 input ports
■ Up to 48 I/O ports – 48/32/24 multifunctional bidirectional I/O lines – 34/22/17 alternate function lines – 16/12/10 high sink outputs
■ 5 timers – Main clock controller with Real-time base, Beep and Clock-out capabilities – Configurable watchdog timer – Two 16-bit timers with 2 input captures, 2 output compares, external clock input on 1 timer, PWM and pulse generator modes – 8-bit PWM auto-reload timer with 2 input captures, 4 PWM outputs, output compare and time base interrupt, external clock with event detector
■ 3 communications interfaces – SPI synchronous serial interface – SCI asynchronous serial interface – I2C multimaster interface
■ Instruction set – 8-bit data manipulation – 63 basic instructions – 17 main addressing modes – 8x8 unsigned multiply instruction
■ Development tools – Full hardware/software development




Similar Part No. - ST72325XXX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72325XX STMICROELECTRONICS-ST72325XX Datasheet
3Mb / 197P
8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
07-Oct-2008
More results


Similar Description - ST72325XXX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP5380 NSC-DP5380 Datasheet
407Kb / 32P
Asynchronous SCSI Interface (ASI)
logo
InnovASIC, Inc
IA82050 INNOVASIC-IA82050 Datasheet
57Kb / 11P
ASYNCHRONOUS SERIAL CONTROLLER
IA82510 INNOVASIC-IA82510 Datasheet
76Kb / 14P
ASYNCHRONOUS SERIAL CONTROLLER
logo
Intel Corporation
M82510 INTEL-M82510 Datasheet
463Kb / 40P
ASYNCHRONOUS SERIAL CONTROLLER
logo
Altera Corporation
A6850 ALTERA-A6850 Datasheet
281Kb / 15P
Asynchronous Communications Interface Adapter
logo
InnovASIC, Inc
IA82050 INNOVASIC-IA82050_11 Datasheet
342Kb / 22P
Asynchronous Serial Controller
IA82510 INNOVASIC-IA82510_11 Datasheet
374Kb / 25P
Asynchronous Serial Controller
logo
Future Technology Devic...
FT231XQ-T FTDI-FT231XQ-T Datasheet
830Kb / 44P
Single chip USB to asynchronous serial data transfer interface
logo
STMicroelectronics
ST72344XX STMICROELECTRONICS-ST72344XX Datasheet
1Mb / 247P
SCI asynchronous serial interface
July 2012 Rev 6
logo
Future Technology Devic...
FT232RL FTDI-FT232RL_V01 Datasheet
1Mb / 40P
Single chip USB to asynchronous serial data transfer interface
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com