Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST10F296E Datasheet (PDF) - STMicroelectronics

ST10F296E Datasheet PDF - STMicroelectronics
Part # ST10F296E
Download  ST10F296E Download
File Size   5658.57 Kbytes
Page   346 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High performance 16-bit CPU with DSP functions

ST10F296E Datasheet (PDF)

Go To PDF Page Download Datasheet
ST10F296E Datasheet PDF - STMicroelectronics

Part # ST10F296E
Download  ST10F296E Click to download

File Size   5658.57 Kbytes
Page   346 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High performance 16-bit CPU with DSP functions

ST10F296E Datasheet (HTML) - STMicroelectronics


ST10F296E Product details

Features
■ High performance 16-bit CPU with DSP functions – 31.25 ns instruction cycle time at 64 MHz max CPU clock – Multiply/accumulate unit (MAC) 16 x 16-bit multiplication, 40-bit accumulator – Enhanced boolean bit manipulation facilities – Single-cycle context switching support
■ Memory organization – 512 Kbyte Flash memory (32-bit fetch) – 320 Kbyte extension Flash memory (16-bit fetch) – 100 k erasing/programming cycles – Up to 16 Mbyte linear address space for code and data (5 Mbytes with CAN or I2C) – 2 Kbyte on-chip internal RAM (IRAM) – 66 Kbyte on-chip extension RAM (XRAM) – Programmable external bus characteristics for different address ranges – Five programmable chip-select signals – Hold-acknowledge bus arbitration support
■ Interrupt – 8-channel peripheral event controller for single cycle interrupt driven data transfer – 16-priority-level interrupt system with 56 sources, sampling rate down to 15.6 ns
■ Timers – Two multi-functional general purpose timer units with 5 timers
■ Two 16-channel capture/compare units
■ Analog-to-digital converter (ADC) – 32-channel 10-bit – 3 µs minimum conversion time – TImer for ADC channel injection
■ 4-channel PWM unit and 4-channel XPWM
■ Serial channels – Two synchronous/asynch. serial channels – Two high-speed synchronous channels – I2C standard interface
■ Two CAN 2.0B interfaces operating on one or two CAN busses (64 or 2 x 32 message objects, C-CAN version)
■ Fail-safe protection – Programmable watchdog timer – Oscillator watchdog
■ On-chip bootstrap loader
■ Clock generation – On-chip PLL and 4-12 MHz oscillator – Direct or prescaled clock input
■ Real-time clock
■ Up to 143 general purpose I/O lines – Individually programmable as input, output or special function – Programmable threshold (hysteresis)
■ Idle, power-down and stand-by modes
■ single voltage supply: 5 V ±10% (embedded regulator for 1.8 V core supply).




Similar Part No. - ST10F296E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F296 STMICROELECTRONICS-ST10F296 Datasheet
806Kb / 4P
16-bit microcontrollers for automotive applications
Jun-2006
More results


Similar Description - ST10F296E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD766 AD-AD766 Datasheet
310Kb / 8P
16-Bit DSP DACPORT
REV.A
logo
fujitsu semiconductor
MB86330 FUJITSU-MB86330 Datasheet
590Kb / 46P
16-bit Fixed-point DSP
logo
Hynix Semiconductor
GMS30C2216 HYNIX-GMS30C2216 Datasheet
1Mb / 320P
16/32 BIT RISC/DSP
logo
National Semiconductor ...
HPC46100 NSC-HPC46100 Datasheet
436Kb / 32P
HPC46100 High-Performance microController with DSP Capability
logo
Cirrus Logic
CS48500 CIRRUS-CS48500 Datasheet
319Kb / 28P
Cost-effective, High-performance 32-bit DSP
logo
Freescale Semiconductor...
MSC7110 FREESCALE-MSC7110 Datasheet
148Kb / 8P
Low-Cost 16-Bit DSP with DDR Controller
logo
Asahi Kasei Microsystem...
AK4753 AKM-AK4753 Datasheet
981Kb / 85P
2-in, 4-out CODEC with DSP Functions
logo
Analog Devices
AD766 AD-AD766_15 Datasheet
313Kb / 8P
16-Bit DSP DACPORT
REV. A
logo
List of Unclassifed Man...
OCE11100 ETC2-OCE11100 Datasheet
1Mb / 3P
High performance with high CPU efficiency
logo
Cirrus Logic
CS48520 CIRRUS-CS48520 Datasheet
369Kb / 23P
Cost-effective, High-performance 32-bit DSP
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com