Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-TSP001V1 Datasheet (PDF) - STMicroelectronics

STEVAL-TSP001V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-TSP001V1
Download  STEVAL-TSP001V1 Download
File Size   94.56 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Respects source limitations

STEVAL-TSP001V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-TSP001V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-TSP001V1
Download  STEVAL-TSP001V1 Click to download

File Size   94.56 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Respects source limitations

STEVAL-TSP001V1 Datasheet (HTML) - STMicroelectronics


STEVAL-TSP001V1 Product details

Description
This demonstration board is a Power over Ethernet (PoE) system used to transmit electrical power, along with data, to remote devices over a standard twisted-pair cable in an Ethernet network. The power supply fully complies with IEEE 802.3-2005 PoE specifications and delivers the rated output from any compliant source. Outputs of 3.3 V and 12 V are used as examples in this document, but other requirements can be easily met with minor changes. The IEEE 802.3af specification is intended to greatly simplify the wiring to remote equipment by providing power over the same medium that carries the signal to and from the equipment. This concept is particularly suitable for applications such as security cameras, wireless access points, and internet telephones (VoIP). The cable voltage was selected so that existing 48 V telecom equipment could be used to supply the power without requiring DC-DC conversion. STEVAL-TSP001V1

Features
■ Low profile, small size: 5" x 1.5" x 0.65" (0.5" except RJ-45 Ethernet connectors)
■ Complies with all IEEE 802.3-2005 (IEEE 802.3af) PoE specifications
■ Respects source limitations
■ Does not pollute power source
■ 1500 V isolated outputs eliminate ground loops
■ Economical output power (total power at output approximately 10 W)
■ Useful output voltages – 12 V @0.65 A output (7.8 W, loose tolerance) – 3.3 V @0.65 A output (2.145 W, tight tolerance)
■ Increased cost-effectiveness due to SMT construction (through-hole connectors for ruggedness)




Similar Part No. - STEVAL-TSP001V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TSP004V2 STMICROELECTRONICS-STEVAL-TSP004V2 Datasheet
312Kb / 7P
RoHs compliant
24-Apr-2015
STEVAL-TSP005V2 STMICROELECTRONICS-STEVAL-TSP005V2 Datasheet
298Kb / 7P
IEEE 802.3af compliant PD interface
30-May-2014
STEVAL-TSP006V2 STMICROELECTRONICS-STEVAL-TSP006V2 Datasheet
320Kb / 7P
IEEE 802.3af compliant PD interface
30-May-2014
STEVAL-TSP009V2 STMICROELECTRONICS-STEVAL-TSP009V2 Datasheet
311Kb / 7P
IEEE 802.3at compliant PD interface
24-Apr-2015
More results


Similar Description - STEVAL-TSP001V1

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
VTD205 PERKINELMER-VTD205 Datasheet
21Kb / 1P
Alternate Source/ Second Source Photodiodes
VTD205K PERKINELMER-VTD205K Datasheet
21Kb / 1P
Alternate Source/ Second Source Photodiodes
VTD206 PERKINELMER-VTD206 Datasheet
26Kb / 1P
Alternate Source/ Second Source Photodiodes
VTD206K PERKINELMER-VTD206K Datasheet
26Kb / 1P
Alternate Source/ Second Source Photodiodes
VTD31AA PERKINELMER-VTD31AA Datasheet
25Kb / 1P
Alternate Source/ Second Source Photodiodes
VTD34 PERKINELMER-VTD34 Datasheet
24Kb / 1P
Alternate Source/ Second Source Photodiodes
VTD34F PERKINELMER-VTD34F Datasheet
42Kb / 1P
Alternate Source/ Second Source Photodiodes
logo
Burr-Brown (TI)
AB-039 BURR-BROWN-AB-039 Datasheet
52Kb / 6P
POWER AMPLIFIER STRESS AND POWER HANDLING LIMITATIONS
logo
STMicroelectronics
STM8S207MB STMICROELECTRONICS-STM8S207MB Datasheet
84Kb / 8P
STM8S performance line revision X device limitations
04-Dec-2008
STM8AL3XXX STMICROELECTRONICS-STM8AL3XXX Datasheet
258Kb / 18P
device limitations
11-Sep-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com