Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-TLL011V1 Datasheet (PDF) - STMicroelectronics

STEVAL-TLL011V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-TLL011V1
Download  STEVAL-TLL011V1 Download
File Size   221.11 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Driver for up to 40 white LEDs for mid-sized LCD display backlight based on the STLD41

STEVAL-TLL011V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-TLL011V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-TLL011V1
Download  STEVAL-TLL011V1 Click to download

File Size   221.11 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Driver for up to 40 white LEDs for mid-sized LCD display backlight based on the STLD41

STEVAL-TLL011V1 Datasheet (HTML) - STMicroelectronics


STEVAL-TLL011V1 Product details

Description
The STEVAL-TLL011V1 demonstration board demonstrates the performance of the STLD41, a boost converter that operates from 3.0 V to 21 V and which can provide an output voltage as high as 38 V. It can drive up to 40 white LEDs connected in 4 strings of 10 LEDs in series. The total output current capability is 120 mA at an output voltage of 38 V. Regulation is performed by the internal error amplifier which works with the feedback voltage from the sensing resistor. The device can be turned ON/OFF by way of the logic signal connected to the EN pin. The LEDs can be dimmed by applying a PWM signal to the PWM input.

Features
■ Boost DC-DC converter
■ Drives up to 40 LEDs (4 strings of 10) with a total current up to 120 mA
■ Input voltage range: 3.0 V to 21 V
■ Output current control
■ 1.8 MHz fixed frequency PWM control
■ PWM input for output current dimming with a frequency range of 25 kHz - 50 kHz
■ 2 A integrated switch
■ Overvoltage protection
■ Chip overtemperature detection and protection
■ Less than 1 µA standby current
■ Soft-start function
■ RoHS compliant




Similar Part No. - STEVAL-TLL011V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TLL012V1 STMICROELECTRONICS-STEVAL-TLL012V1 Datasheet
251Kb / 4P
Full RGB function support
08-Jun-2012
STEVAL-TLL013V1 STMICROELECTRONICS-STEVAL-TLL013V1 Datasheet
103Kb / 4P
5-channel (2 LEDs in series per channel) step-up white LED driver demonstration board based on the STLED25
21-Sep-2011
More results


Similar Description - STEVAL-TLL011V1

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
ME4839W MICRO-ELECTRONICS-ME4839W Datasheet
67Kb / 2P
WHITE SIDE BACKLIGHT FOR LCD DISPLAY
logo
Texas Instruments
LP8543 TI1-LP8543 Datasheet
650Kb / 36P
SMBus/I2C Controlled WLED Driver for Medium-Sized LCD Backlight
logo
STMicroelectronics
STEVAL-ILL039V1 STMICROELECTRONICS-STEVAL-ILL039V1 Datasheet
194Kb / 4P
Step-up current controller for 2 LEDs based on the STLDC08 driver
31-Oct-2011
STEVAL-ISA056V1 STMICROELECTRONICS-STEVAL-ISA056V1 Datasheet
98Kb / 4P
6 rows - 30 mA LEDs driver with boost converter for LCD panels backlight evaluation board based on the PM6600
10-Mar-2008
STLA02PUR STMICROELECTRONICS-STLA02PUR Datasheet
732Kb / 23P
White LED driver for display backlight
February 2011 Rev 1
logo
ams AG
AS3695A AMSCO-AS3695A Datasheet
2Mb / 34P
16 channel white LED driver for LCD backlight
logo
STMicroelectronics
STLD41 STMICROELECTRONICS-STLD41 Datasheet
788Kb / 19P
White LED driver for mid-size LCD display backlight
27-Jun-2012
logo
Rohm
BD8119FM-M ROHM-BD8119FM-M_14 Datasheet
2Mb / 31P
White Backlight LED Driver For Medium to Large LCD Panels
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
Rohm
BD9470AFM ROHM-BD9470AFM Datasheet
1Mb / 38P
White LED driver for medium sized and large sized LCD back light
19.Oct.2013 Rev.003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com