Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-TCS003V1 Datasheet (PDF) - STMicroelectronics

STEVAL-TCS003V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-TCS003V1
Download  STEVAL-TCS003V1 Download
File Size   304.51 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 24-bit port expander demonstration board with LCD, keypad, and PWM interfaces based on the STMPE2403

STEVAL-TCS003V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-TCS003V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-TCS003V1
Download  STEVAL-TCS003V1 Click to download

File Size   304.51 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 24-bit port expander demonstration board with LCD, keypad, and PWM interfaces based on the STMPE2403

STEVAL-TCS003V1 Datasheet (HTML) - STMicroelectronics


STEVAL-TCS003V1 Product details

Description
The STEVAL-TCS003V1 demonstration board is based on the STMPE2403 port expander and the ST7263BK6 microcontroller. It includes a PC GUI (graphical user interface). The objective of the board is to demonstrate the features and capabilities of the STMPE2403 port expander chip using a Windows®-based host software application and one of ST’s several USB lowspeed microcontrollers (the ST7263BK6 is used in this demonstration board) acting as a control device. In the STEVAL-TCS003V1, the ST7263BK6 microcontroller acts as the I2C master and controls the STMPE2403 device, which functions as an I2C slave. The STMPE2403 is used to interface the matrix keypad, dedicated keys, special function keys, rotator controller and PWM controllers. These interfaces are controlled using I2C communication between the master and slave devices. In run mode, events such as key press (matrix, special function or dedicated keys), rotator controller, power mode, etc. are captured and displayed on the LCD screen and in the scan window of the PC GUI. The capability of the rotator controller is demonstrated using a 3-pin jumper connector. For interfacing with the PC GUI, the application layer is built above the USB core library, making the USB interface hardware control transparent for developers. STEVAL-TCS003V1

Features
■ Provides a user-friendly environment for use in: – Standalone mode – PC GUI mode
■ Board powered through USB Mini-B connector
■ PC GUI supports various power saving modes




Similar Part No. - STEVAL-TCS003V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TCS001V1 STMICROELECTRONICS-STEVAL-TCS001V1 Datasheet
228Kb / 4P
24 bit port expander demonstation board with LCD, keypad, and PWM interfaces based on the STMPE2401
December 2008 Rev 1
STEVAL-TCS004V1 STMICROELECTRONICS-STEVAL-TCS004V1 Datasheet
147Kb / 4P
16-bit port expander demonstration board with keypad and PWM controller based on the STMPE1601
11-Nov-2009
More results


Similar Description - STEVAL-TCS003V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE2401 STMICROELECTRONICS-STMPE2401 Datasheet
946Kb / 55P
24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
29-May-2007
STMPE1601 STMICROELECTRONICS-STMPE1601 Datasheet
602Kb / 58P
16-bit enhanced port expander with keypad and PWM controller Xpander Logic
10-Jan-2008
STMPE1601 STMICROELECTRONICS-STMPE1601_1 Datasheet
583Kb / 61P
16-bit enhanced port expander with keypad and PWM controller Xpander Logic
02-Jun-2008
STMPE2403 STMICROELECTRONICS-STMPE2403 Datasheet
890Kb / 63P
24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
08-Jun-2007
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-ILL020V1 STMICROELECTRONICS-STEVAL-ILL020V1 Datasheet
258Kb / 5P
LCD panels backlight demonstration board based on the LED7706
06-May-2009
STEVAL-ILL021V1 STMICROELECTRONICS-STEVAL-ILL021V1 Datasheet
257Kb / 5P
LCD panels backlight demonstration board based on the LED7707
06-May-2009
STEVAL-TCS004V1 STMICROELECTRONICS-STEVAL-TCS004V1 Datasheet
147Kb / 4P
16-bit port expander demonstration board with keypad and PWM controller based on the STMPE1601
11-Nov-2009
STEVAL-IPT004V1 STMICROELECTRONICS-STEVAL-IPT004V1 Datasheet
173Kb / 4P
24-pin smartcard interface demonstration board based on the ST8034HN
01-Aug-2013
STEVAL-TCS001V1 STMICROELECTRONICS-STEVAL-TCS001V1 Datasheet
228Kb / 4P
24 bit port expander demonstation board with LCD, keypad, and PWM interfaces based on the STMPE2401
December 2008 Rev 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com