Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-PSQ001V1 Datasheet (PDF) - STMicroelectronics

STEVAL-PSQ001V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-PSQ001V1
Download  STEVAL-PSQ001V1 Download
File Size   207.35 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Power management for CPU, FPGA and memory based on the PM6680A

STEVAL-PSQ001V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-PSQ001V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-PSQ001V1
Download  STEVAL-PSQ001V1 Click to download

File Size   207.35 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Power management for CPU, FPGA and memory based on the PM6680A

STEVAL-PSQ001V1 Datasheet (HTML) - STMicroelectronics


STEVAL-PSQ001V1 Product details

Description
The main purpose of this evaluation board is to show basic principles used for design of the power supply and to give users a working prototype for testing and daily use. The trend in recent years in the supply of MCUs, CPUs, memories, FPGAs etc. is to reduce the supply voltage, increase supply current and provide various voltage levels for different devices in one platform. A typical example of this is the FPGA. FPGAs contain core parts which operate with low level voltage, interface parts placed between the core and the output, system parts, etc. It is important to note that each family of parts has a slightly different voltage level and the trend is toward decreasing voltage for each new family. The lowest operating voltage currently is 1 V, and this can be expected to drop to 0.9 V or 0.8 V in the near future. The situation is similar with other parts of digital solutions. Typically, the main CPU, memory, and interfaces require different supply voltage levels. Low operating voltage also bring another challenge - transient. Digital devices are typically sensitive to voltage level. If voltage drops below or crosses over established limits, the device is reset. This limit is typically ± 3 or 5 %. On the other hand, digital device consumption can change very fast (approx. several amps in several hundred nanoseconds). The power supply must be capable of reacting very quickly with a minimum of over/under voltage, especially in cases where very low voltage output is required. There is additional stress placed on power supplies in digital applications for industrial use. The industrial standard bus is 24 V, but this voltage fluctuates and the maximum required input voltage level can be up to 36 V. Additional surge protection is also mandatory for power supply input in industrial applications. The purpose of this evaluation board is to address all of required parameters outlined above. This means satisfying industrial input requirements (operating voltage of up to 36 V) and generating several output voltages for middle power applications (up to several amps). The main output voltage level can be set easily. STEVAL-PSQ001V1

Features
■ Input: 5 - 36 VDC, surge protection
■ Output voltages: – Output1 (Vcore) selectable from: 0.9, 1.0, 1.2, 1.5, 1.8 or 2.5 V, 4 A continuously (6 A peak), tolerance: 3% – Output2 (Vi/o) selectable from: 1.0, 1.2, 1.5, 1.8, 2.5 V or 3.3 V, 2 A continuously (3 A peak), tolerance: 3% – Output3 Vsys: 3.3 V 0.4 A (0.8 A peak), tolerance: 4% – Output3 Vaux: 2.5 V, 0.4 A, tolerance: 2%
■ Analog 5: 5 V, 0.8 A, tolerance: 4%
■ Analog 3.3 V: 3.3 V, 0.15 A, tolerance: 2%




Similar Part No. - STEVAL-PSQ001V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-PCC001V1 STMICROELECTRONICS-STEVAL-PCC001V1 Datasheet
88Kb / 4P
Full speed USB to serial bridge based on ST72F65
19-Oct-2007
STEVAL-PCC009V1 STMICROELECTRONICS-STEVAL-PCC009V1 Datasheet
330Kb / 7P
Universal USB to serial communication interface demonstration board based on the STM32
04-May-2010
STEVAL-PCC009V2 STMICROELECTRONICS-STEVAL-PCC009V2 Datasheet
142Kb / 7P
IBU universal interface based on the STM32x
28-Jun-2010
STEVAL-PCC009V3 STMICROELECTRONICS-STEVAL-PCC009V3 Datasheet
845Kb / 7P
S-Touch® product family interface demonstration board based on the STM32
15-Sep-2011
STEVAL-PCC009V4 STMICROELECTRONICS-STEVAL-PCC009V4 Datasheet
420Kb / 8P
Opto-isolated universal USB to serial bridge demonstration board for motor control applications
16-Jul-2012
More results


Similar Description - STEVAL-PSQ001V1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17N256 ATMEL-AT17N256 Datasheet
205Kb / 18P
FPGA Configuration Memory
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
FPGA Configuration Memory
logo
STMicroelectronics
STEVAL-ISA051V1 STMICROELECTRONICS-STEVAL-ISA051V1 Datasheet
152Kb / 4P
Complete DDR2/3 memory power supply controller evaluation board based on the PM6670S
11-Feb-2008
logo
Texas Instruments
LP3913 TI1-LP3913 Datasheet
3Mb / 70P
Power Management IC for Flash Memory-Based Portable Media Players
logo
ON Semiconductor
NCP1855 ONSEMI-NCP1855_16 Datasheet
344Kb / 26P
Path Management and USB On-The-Go Support
January, 2016 ??Rev. 0
logo
STMicroelectronics
STEVAL-CBL004V1 STMICROELECTRONICS-STEVAL-CBL004V1 Datasheet
172Kb / 4P
Power supply demonstration board for LNB based on the LNBH24
April 2010 Rev 1
STEVAL-LNBH01 STMICROELECTRONICS-STEVAL-LNBH01 Datasheet
266Kb / 4P
Power supply evaluation board for LNB based on the LNBH25LS
September 2016 Rev 1
STEVAL-LNBH02 STMICROELECTRONICS-STEVAL-LNBH02 Datasheet
240Kb / 4P
Power supply evaluation board for LNB based on the LNBH25S
September 2016 Rev 1
logo
PHOENIX CONTACT
2891062 PHOENIX-2891062 Datasheet
69Kb / 4P
Secure web-based and SNMP-based management
2891161 PHOENIX-2891161 Datasheet
60Kb / 5P
Secure web-based and SNMP-based management
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com