Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-ISA023V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA023V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA023V1
Download  STEVAL-ISA023V1 Download
File Size   139.8 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Flyback AC-DC converter evaluation board based on the VIPer53-E

STEVAL-ISA023V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA023V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA023V1
Download  STEVAL-ISA023V1 Click to download

File Size   139.8 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Flyback AC-DC converter evaluation board based on the VIPer53-E

STEVAL-ISA023V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA023V1 Product details

Description
This evaluation board represent a solution for a 25 W switch mode (SMPS) power supply dedicated to industrial or white goods applications. The board accepts a wide range of input voltages (90 to 265 Vrms) and delivers 3 positive output voltages. The switch mode power supply (SMPS) is based on the VIPer53-E. The VIPer53-E combines an enhanced current-mode PWM controller with a high-voltage MDmesh™ Power MOSFET in the same package. The main characteristics of the evaluation board are its high efficiency and low standby consumption. These, combined with the minimal component count and global low-cost approach, make this an ideal solution for powering industrial or consumer equipment, while also meeting worldwide consumption requirements. STEVAL-ISA023V1

Features
■ Input voltage, Vin: from 90 to 265 Vrms
■ Positive output voltage: 3.3 V,5 V,12 V
■ Standby consumption: <1 W
■ Total output power: 24 W
■ EMI requirements: EN55022 Class B
■ Safety: EN 60950




Similar Part No. - STEVAL-ISA023V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA023V2 STMICROELECTRONICS-STEVAL-ISA023V2 Datasheet
93Kb / 4P
Flyback AC-DC converter evaluation board based on the VIPer53-E with 24 W negative output
03-Dec-2007
More results


Similar Description - STEVAL-ISA023V1

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6001DN-00A MPS-EV6001DN-00A Datasheet
222Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
logo
STMicroelectronics
STEVAL-ISA023V2 STMICROELECTRONICS-STEVAL-ISA023V2 Datasheet
93Kb / 4P
Flyback AC-DC converter evaluation board based on the VIPer53-E with 24 W negative output
03-Dec-2007
STEVAL-ISV001V1 STMICROELECTRONICS-STEVAL-ISV001V1 Datasheet
313Kb / 6P
1000 W dual stage DC-AC converter demonstration board based on the STP160N75F3
27-Nov-2008
AN4472 STMICROELECTRONICS-AN4472 Datasheet
6Mb / 44P
STEVAL-IME008V1 evaluation board based on the STHV749 transmission pulser
10-Dec-2014
STEVAL-IHT003V2 STMICROELECTRONICS-STEVAL-IHT003V2 Datasheet
261Kb / 4P
Low loss e-starter evaluation board for compressor starter circuits based on the ACST6
January 2017 Rev 1
STEVAL-LNBH02 STMICROELECTRONICS-STEVAL-LNBH02 Datasheet
240Kb / 4P
Power supply evaluation board for LNB based on the LNBH25S
September 2016 Rev 1
STEVAL-TLL001V1 STMICROELECTRONICS-STEVAL-TLL001V1 Datasheet
66Kb / 4P
White LED controller evaluation board based on the STLD40D
27-Oct-2008
logo
Monolithic Power System...
EV6001DN-01A MPS-EV6001DN-01A Datasheet
215Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6002DN-00A MPS-EV6002DN-00A Datasheet
149Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6003-N-00A MPS-EV6003-N-00A Datasheet
691Kb / 9P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com