Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-IPP002V1 Datasheet (PDF) - STMicroelectronics

STEVAL-IPP002V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-IPP002V1
Download  STEVAL-IPP002V1 Download
File Size   322.35 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Energy measurement by an external metrology board

STEVAL-IPP002V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IPP002V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-IPP002V1
Download  STEVAL-IPP002V1 Click to download

File Size   322.35 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Energy measurement by an external metrology board

STEVAL-IPP002V1 Datasheet (HTML) - STMicroelectronics


STEVAL-IPP002V1 Product details

Description
The STEVAL-IPP002V1 demonstration board can be used as a guideline to designing a typical energy meter board for smart metering applications compliant with the IEC 61334-5-1 standard. It was designed to include advanced features as well as to fit the requirements for next generation energy meters. These extra features can be included in the board by modules for easy customizing. STEVAL-IPP002V1

Features
■ Energy measurement by an external metrology board
■ S-FSK Power line communication up to 2.4 kbps
■ Data communication compliant with DLMS/COSEM specification
■ LCD display to show energy consumption information
■ USB and RS232/IrDA connectivity
■ Optional ZigBee® communication capability
■ Optional MEMS module support
■ Expansion capability for smartcard interface
■ RoHS compliant




Similar Part No. - STEVAL-IPP002V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPP001V2 STMICROELECTRONICS-STEVAL-IPP001V2 Datasheet
517Kb / 16P
Complete solution for power line communication in metering applications
20-Oct-2011
STEVAL-IPP003V1 STMICROELECTRONICS-STEVAL-IPP003V1 Datasheet
368Kb / 7P
General purpose xPSK power line communication module
13-Dec-2013
More results


Similar Description - STEVAL-IPP002V1

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5484 APEX-CS5484 Datasheet
802Kb / 67P
Four Channel Energy Measurement IC
CS5490 APEX-CS5490 Datasheet
753Kb / 56P
Two Channel Energy Measurement IC
logo
STMicroelectronics
AN2317 STMICROELECTRONICS-AN2317 Datasheet
263Kb / 27P
Energy Metering IC External Circuits
14-Apr-2006
logo
Silicon Touch Technolog...
LS521 SITI-LS521 Datasheet
711Kb / 12P
Tunable illumination sensitivity by an external resistor
logo
Cirrus Logic
CS5480 CIRRUS-CS5480 Datasheet
892Kb / 70P
Three Channel Energy Measurement IC
CS5490 CIRRUS-CS5490 Datasheet
762Kb / 57P
Two Channel Energy Measurement IC
CS5484 CIRRUS-CS5484 Datasheet
809Kb / 67P
Four Channel Energy Measurement IC
logo
Silergy Corp.
MAX71020A SILERGY-MAX71020A Datasheet
628Kb / 28P
Energy Measurement AFE
logo
Maxim Integrated Produc...
MAX71020A MAXIM-MAX71020A Datasheet
644Kb / 26P
Energy Measurement AFE
2015
71M6545 MAXIM-71M6545_V01 Datasheet
2Mb / 133P
Metrology Processors
2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com