Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-IPE002V1 Datasheet (PDF) - STMicroelectronics

STEVAL-IPE002V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-IPE002V1
Download  STEVAL-IPE002V1 Download
File Size   225.07 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Electricity Meter (mono phase) - Measurement Board 2 Current Transformers

STEVAL-IPE002V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IPE002V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-IPE002V1
Download  STEVAL-IPE002V1 Click to download

File Size   225.07 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Electricity Meter (mono phase) - Measurement Board 2 Current Transformers

STEVAL-IPE002V1 Datasheet (HTML) - STMicroelectronics


STEVAL-IPE002V1 Product details

Features
■ Single-phase, 0.5 class accuracy guaranteed
■ UNOM(RMS) = 140 to 300V, INOM/IMAX(RMS) = 2/20A, fLIN = 45 to 65Hz, TAMB = -40 to +85 °C
■ Tamper detection for power line systems
■ LED checking for: – Functioning – No Load Condition – Tamper Detection – Reverse Energy Direction
■ Stepper Motor Display Connector
■ Capacitive Power Supply
■ SPI Interface Connector: – Active, Reactive Apparent Power consumption – VRMS, IRMS and Line Frequency – Status




Similar Part No. - STEVAL-IPE002V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPE004V1 STMICROELECTRONICS-STEVAL-IPE004V1 Datasheet
191Kb / 4P
Electricity Meter (mono phase) - Measurement Board 1 Shunt
12-Jan-2006
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
STEVAL-IPE006V2 STMICROELECTRONICS-STEVAL-IPE006V2 Datasheet
593Kb / 7P
High end meter Demonstration board
13-Jul-2006
STEVAL-IPE007V1 STMICROELECTRONICS-STEVAL-IPE007V1 Datasheet
155Kb / 8P
Mono-phase energy meter based on ST7Flite
20-Jul-2007
STEVAL-IPE008V1 STMICROELECTRONICS-STEVAL-IPE008V1 Datasheet
287Kb / 8P
Energy meter (3-phase) demonstration board based on the STPM01 and STR715FR0
25-Nov-2008
More results


Similar Description - STEVAL-IPE002V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPE004V1 STMICROELECTRONICS-STEVAL-IPE004V1 Datasheet
191Kb / 4P
Electricity Meter (mono phase) - Measurement Board 1 Shunt
12-Jan-2006
STEVAL-IPE007V1 STMICROELECTRONICS-STEVAL-IPE007V1 Datasheet
155Kb / 8P
Mono-phase energy meter based on ST7Flite
20-Jul-2007
logo
Silan Microelectronics ...
SC7755S SILAN-SC7755S Datasheet
618Kb / 9P
ELECTRICITY POWER METER CIRCUIT
logo
Maxim Integrated Produc...
MAX71020 MAXIM-MAX71020 Datasheet
1Mb / 37P
Single-Chip Electricity Meter AFE
Rev 0; 7/12
MAX71020 MAXIM-MAX71020_13 Datasheet
1Mb / 35P
Single-Chip Electricity Meter AFE
Rev 1; 1/13
logo
STMicroelectronics
STEVAL-IPE020V1 STMICROELECTRONICS-STEVAL-IPE020V1 Datasheet
294Kb / 7P
Single phase electricity meter with dual EEPROM M24LR64 and STPM10 and STM8L152
13-Mar-2012
logo
Kemet Corporation
MRC-01 KEMET-MRC-01 Datasheet
243Kb / 6P
ZCT, Zero-Phase Current Transformers
logo
STMicroelectronics
EVALSTPM-3PHISO STMICROELECTRONICS-EVALSTPM-3PHISO Datasheet
291Kb / 4P
Three-phase full shunt electricity meter evaluation board based on STPMS2, STISO621W and STM32F413RH
Rev 1 - October 2020
logo
Maxim Integrated Produc...
MAX71334L MAXIM-MAX71334L Datasheet
105Kb / 3P
ZON P3/P3L Polyphase Electricity Meter SoC
1 /12 /2015
MAX71313L MAXIM-MAX71313L Datasheet
104Kb / 3P
ZON M1L/M1 Single-Phase Electricity Meter SoC
1 /12 /2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com