Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-IPC004V1 Datasheet (PDF) - STMicroelectronics

STEVAL-IPC004V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-IPC004V1
Download  STEVAL-IPC004V1 Download
File Size   413.24 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Handheld point-of-sale (POS) based on the STM32F107VC

STEVAL-IPC004V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IPC004V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-IPC004V1
Download  STEVAL-IPC004V1 Click to download

File Size   413.24 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Handheld point-of-sale (POS) based on the STM32F107VC

STEVAL-IPC004V1 Datasheet (HTML) - STMicroelectronics


STEVAL-IPC004V1 Product details

Description
The STEVAL-IPC004V1 demonstration board works in a similar way to a typical POS. It captures item information using a USB-based barcode scanner and, after processing the barcode information, adds it to the transaction record. To complete the transaction, there is the option of payment using a smartcard/magnetic card interface over GPRS or by entering the cash amount using a keypad. The internal thermal printer is used to print the sales report and the sales record is recorded in the onboard memory. The STEVAL-IPC004V1 operates from a 5 V adaptor which is connected to the board through the power jack provided. The system also comes with a PC-based server application which has various access levels to control STEVAL-IPC004V1 activities such as registration, the loading of item allotment tables in the internal memory, and the obtaining of sales data for future reference. The server keeps sales data in the database for future reference for up to 2 months and it also monitors the STEVALIPC004V1 health status and accordingly enables/disables its functioning. For human interaction, there is a keypad which has 16 keys, allowing a flexible interface. It is also possible to customize the system to include interfaces such as a smartcard, GPRS, etc., as per customer requirements.

Features
■ Operating voltage: 5 V DC
■ Built-in thermal printer
■ External barcode scanner
■ Memory interface
■ LCD display
■ Rechargeable battery supply system
■ RoHS compliant




Similar Part No. - STEVAL-IPC004V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPC001V1 STMICROELECTRONICS-STEVAL-IPC001V1 Datasheet
189Kb / 4P
Smartcard manager for reader and writer
01-Sep-2008
STEVAL-IPC002V1 STMICROELECTRONICS-STEVAL-IPC002V1 Datasheet
179Kb / 7P
Thermal printer-based parking ticket vending machine
08-Mar-2010
STEVAL-IPC003V1 STMICROELECTRONICS-STEVAL-IPC003V1 Datasheet
117Kb / 5P
Adapter board (daughter board for the STM3210C_EVAL) for a thermal printer based on the L293DD
August 2010
More results


Similar Description - STEVAL-IPC004V1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CR0300SA LITTELFUSE-CR0300SA Datasheet
98Kb / 3P
The CR range of protectors are based on the proven technology of the T10 thyristor product
logo
STMicroelectronics
STEVAL-CCA037V1 STMICROELECTRONICS-STEVAL-CCA037V1 Datasheet
244Kb / 4P
Amplifier based on the TS4990IQT
27-Apr-2012
STEVAL-IFV002V1 STMICROELECTRONICS-STEVAL-IFV002V1 Datasheet
156Kb / 6P
STEVAL-IFV002V1 IPCAM extension board based on the STM32F107VC
22-Sep-2010
logo
List of Unclassifed Man...
AS3911-BQFT-1K ETC2-AS3911-BQFT-1K Datasheet
286Kb / 2P
NFC for Point of Sale
logo
STMicroelectronics
UM1560 STMICROELECTRONICS-UM1560 Datasheet
4Mb / 59P
STEVAL-IPC004V1: handheld point-of-sale (POS) based on the STM32F1 series
13-May-2014
logo
Cherry Semiconductor Co...
G81-8040 CHERRY-G81-8040 Datasheet
98Kb / 2P
POINT OF SALE
logo
Silicon Laboratories
1407031 SILABS-1407031 Datasheet
264Kb / 2P
Updated specifications based on the results of additional silicon characterization.
1407032 SILABS-1407032 Datasheet
265Kb / 2P
Updated specifications based on the results of additional silicon characterization.
1503163 SILABS-1503163 Datasheet
302Kb / 2P
Updated specifications based on the results of additional silicon characterization.
1503164 SILABS-1503164 Datasheet
328Kb / 3P
Updated specifications based on the results of additional silicon characterization
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com