Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-ISA083V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA083V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA083V1
Download  STEVAL-ISA083V1 Download
File Size   115.03 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Short-circuit protected

STEVAL-ISA083V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA083V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA083V1
Download  STEVAL-ISA083V1 Click to download

File Size   115.03 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Short-circuit protected

STEVAL-ISA083V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA083V1 Product details

Description
The STEVAL-ISA083V1, based on the ST1S40IPUR, is an internally compensated 800 kHz fixed-frequency PWM synchronous stepdown converter demonstration board. The ST1S40 operates from 4.0 V to 18.0 V input, while it regulates an output voltage as low as 0.8 V and up to VIN (100% duty cycle). The ST1S40 integrates a 95 mΩ high-side switch and a 69 mΩ synchronous rectifier allowing very high efficiency with very low output voltage. The peak current mode control with internal compensation delivers a very compact solution with a minimum component count. The ST1S40 is protected through cycle-by-cycle current limiting in case of overload and is also protected by a current foldback function with frequency reduction in case of short-circuit. The device is available with an enable on/off function. STEVAL-ISA083V1

Features
■ Input voltage Vin : 4 V to 18 V
■ Output voltage Vout : 3.3 V
■ Maximum output current: 4 A
■ Switching frequency: 800 kHz
■ Short-circuit protected
■ RoHS compliant




Similar Part No. - STEVAL-ISA083V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA080V1 STMICROELECTRONICS-STEVAL-ISA080V1 Datasheet
88Kb / 4P
90 W HB LLC resonant converter demonstration board based on the L6585DE combo IC
25-Feb-2011
STEVAL-ISA082V1 STMICROELECTRONICS-STEVAL-ISA082V1 Datasheet
114Kb / 4P
4 A peak 800 kHz fixed-frequency PWM synchronous step-down demonstration board with enable on/off based on the ST1S40IPHR
27-Sep-2011
STEVAL-ISA084V1 STMICROELECTRONICS-STEVAL-ISA084V1 Datasheet
108Kb / 4P
4 A peak, 800 kHz fixed-frequency PWM synchronous step-down demonstration board with enable on/off based on the ST1S40
28-Nov-2010
STEVAL-ISA088V1 STMICROELECTRONICS-STEVAL-ISA088V1 Datasheet
74Kb / 4P
1 A step-down switching regulator based on the L5970D
01-Apr-2011
STEVAL-ISA089V1 STMICROELECTRONICS-STEVAL-ISA089V1 Datasheet
78Kb / 4P
Short-circuit protection
01-Apr-2011
More results


Similar Description - STEVAL-ISA083V1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3954EUHE LINER-LT3954EUHE Datasheet
425Kb / 24P
Output Short-Circuit Protected Boost
logo
Teledyne Technologies I...
FR75-1 TELEDYNE-FR75-1 Datasheet
517Kb / 3P
1.0A, 60 Vdc Optically Isolated Short-Circuit Protected
logo
Analog Devices
917 AD-917_15 Datasheet
2Mb / 6P
Short Circuit Protected
logo
Recom International Pow...
RK_RH RECOM-RK_RH Datasheet
129Kb / 3P
Optional Continuous Short Circuit Protected
RJZ-RGZ RECOM-RJZ-RGZ Datasheet
129Kb / 3P
Optional Continuous Short Circuit Protected
RK-RH RECOM-RK-RH Datasheet
129Kb / 3P
Optional Continuous Short Circuit Protected
RNM RECOM-RNM Datasheet
108Kb / 3P
Optional Continuous Short Circuit Protected
logo
Teledyne Technologies I...
SR75-1 TELEDYNE-SR75-1 Datasheet
201Kb / 2P
1.5A, 60Vdc Optically Isolated, Short-Circuit Protected
ZD24CC TELEDYNE-ZD24CC Datasheet
481Kb / 3P
Short-Circuit Protected with Trip Status
logo
Maxim Integrated Produc...
MAX8855EVKIT MAXIM-MAX8855EVKIT Datasheet
258Kb / 11P
Fully Protected Against Overcurrent, Short Circuit, and Overtemperature
Rev 0; 10/10
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com