Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-IHT004V1 Datasheet (PDF) - STMicroelectronics

STEVAL-IHT004V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-IHT004V1
Download  STEVAL-IHT004V1 Download
File Size   194.48 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description AC timer demonstration board on HT triacs and ST7Lite1b

STEVAL-IHT004V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IHT004V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-IHT004V1
Download  STEVAL-IHT004V1 Click to download

File Size   194.48 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description AC timer demonstration board on HT triacs and ST7Lite1b

STEVAL-IHT004V1 Datasheet (HTML) - STMicroelectronics


STEVAL-IHT004V1 Product details

Description
The purpose of the demonstration board is to promote the various types of applications where a single AC switch is controlled in on/off full-phase mode. The switch control is based on information from a single sensor evaluated by an MCU. STEVAL-IHT004V1

Features
■ 3 independent application programs – Hand dryer with infrared sensor and T1235H-6T switch – Bathroom fan with humidity sensor and ACS108 switch – Multi-entrance room controller with push button and BTB08-600SW switch
■ Two potentiometers for setting sensor sensitivity and TRIAC turn-off delay
■ Capacitive power supply (680 nF capacitor EPCOS B32923C3684 – 5 V ±10% – Average output current: 16 mA – Standby power losses < 0.3 W @ 230 V
■ Program selector (U2)
■ ICC connector for software adjustment
■ Free development area with hole matrix available for application breadboard adaptation
■ Overvoltage protection is not implemented on the board but some solder pads are available to implement it in two different ways:
■ Varistor addition between mains voltage
■ Transil addition between TRIAC A2-G terminals
■ RoHS compliant




Similar Part No. - STEVAL-IHT004V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHT001V1 STMICROELECTRONICS-STEVAL-IHT001V1 Datasheet
116Kb / 4P
Thermostat control demonstration board for refrigerators, based on the ST7Lite39
September 2010 Rev 1
STEVAL-IHT001V2 STMICROELECTRONICS-STEVAL-IHT001V2 Datasheet
147Kb / 7P
Cold thermostat kit based on AC switches and the STM8S
October 2012 Rev 3
STEVAL-IHT003V1 STMICROELECTRONICS-STEVAL-IHT003V1 Datasheet
76Kb / 4P
Low-loss e-STARTER demonstration board for compressor starter circuits based on the ACST6
08-Jul-2008
STEVAL-IHT003V2 STMICROELECTRONICS-STEVAL-IHT003V2 Datasheet
261Kb / 4P
Low loss e-starter evaluation board for compressor starter circuits based on the ACST6
January 2017 Rev 1
STEVAL-IHT005V1 STMICROELECTRONICS-STEVAL-IHT005V1 Datasheet
128Kb / 4P
3.3 V control of ACS/Triac with STM32
15-Dec-2010
More results


Similar Description - STEVAL-IHT004V1

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD-ES502 WINBOND-ISD-ES502 Datasheet
242Kb / 7P
Demonstration Board
logo
STMicroelectronics
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-MKI116V1 STMICROELECTRONICS-STEVAL-MKI116V1 Datasheet
360Kb / 5P
MEMS microphone demonstration board based on the MP34DB01 and STM32
27-Mar-2012
STEVAL-MKI117V1 STMICROELECTRONICS-STEVAL-MKI117V1 Datasheet
363Kb / 5P
MEMS microphone demonstration board based on the MP34DT01 and STM32
27-Mar-2012
STEVAL-MKI117V2 STMICROELECTRONICS-STEVAL-MKI117V2 Datasheet
353Kb / 5P
MEMS microphone demonstration board based on the MP45DT02 and STM32
27-Mar-2012
STEVAL-IHM013V1 STMICROELECTRONICS-STEVAL-IHM013V1 Datasheet
134Kb / 4P
Demonstration board on low-end vacuum cleaner based on the ST7FLiteUS5 and BTB12
04-Jun-2008
STEVAL-ILL009V5 STMICROELECTRONICS-STEVAL-ILL009V5 Datasheet
105Kb / 5P
New RGB color demonstration board based on the STP04CM05 and ST1S10
28-Oct-2008
STEVAL-ILL029V1 STMICROELECTRONICS-STEVAL-ILL029V1 Datasheet
147Kb / 7P
Front panel demonstration board based on the STLED325 and STM8S
23-Jun-2010
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com