Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR395 Datasheet (PDF) - Analog Devices

ADR395 Datasheet PDF - Analog Devices
Part # ADR395
Download  ADR395 Download
File Size   402.62 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown

ADR395 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADR395 Datasheet PDF - Analog Devices

Part # ADR395
Download  ADR395 Click to download

File Size   402.62 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown

ADR395 Datasheet (HTML) - Analog Devices


ADR395 Product details

GENERAL DESCRIPTION
The ADR390, ADR391, ADR392, and ADR395 are precision 2.048 V, 2.5 V, 4.096 V, and 5 V band gap voltage references, respectively, featuring low power and high precision in a tiny footprint. Using ADI’s patented temperature drift curvature correction techniques, the ADR39x references achieve a low 9 ppm/°C of temperature drift in the TSOT package.

FEATURES
   Compact TSOT-23-5 packages
   Low temperature coefficient
      B grade: 9 ppm/°C
      A grade: 25 ppm/°C
   Initial accuracy
      B grade: ±4 mV maximum
      A grade: ±6 mV maximum
   Ultralow output noise: 5 µV p-p (0.1 Hz to 10 Hz)
   Low dropout: 300 mV
   Low supply current
      3 µA maximum in shutdown
      120 µA maximum in operation
   No external capacitor required
   Output current: 5 mA
   Wide temperature range
      −40°C to + 125°C

APPLICATIONS
   Battery-powered instrumentation
   Portable medical instrumentation
   Data acquisition systems
   Industrial process controls
   Automotive




Similar Part No. - ADR395

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR395 AD-ADR395 Datasheet
495Kb / 33P
Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
Rev. PrA
ADR395 AD-ADR395 Datasheet
1Mb / 48P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
ADR395 AD-ADR395 Datasheet
1Mb / 44P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
ADR395 AD-ADR395 Datasheet
431Kb / 20P
Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
ADR395 AD-ADR395 Datasheet
541Kb / 24P
2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
More results


Similar Description - ADR395

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR380 AD-ADR380 Datasheet
316Kb / 12P
Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
7/04-Data Sheet Changed from Rev. 0 to Rev. A.
ADR318 AD-ADR318 Datasheet
492Kb / 8P
Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV.0
ADR370 AD-ADR370 Datasheet
182Kb / 12P
Precision Low Power 2.048 V SOT-23 Voltage Reference
7/03-Data Sheet changed from REV. 0 to REV. A.
ADR292GRZ AD-ADR292GRZ Datasheet
348Kb / 20P
Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR291GRUZ-REEL7 AD-ADR291GRUZ-REEL7 Datasheet
348Kb / 20P
Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR291 AD-ADR291_15 Datasheet
348Kb / 20P
Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com