Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8759 Datasheet (PDF) - Wolfson Microelectronics plc

WM8759 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8759
Download  WM8759 Download
File Size   236.1 Kbytes
Page   19 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24 BIT 192KHZ STEREO DAC WITH HEADPHONE BUFFER

WM8759 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8759 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8759
Download  WM8759 Click to download

File Size   236.1 Kbytes
Page   19 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24 BIT 192KHZ STEREO DAC WITH HEADPHONE BUFFER

WM8759 Datasheet (HTML) - Wolfson Microelectronics plc


WM8759 Product details

DESCRIPTION

The WM8759 is a high performance stereo DAC with an integrated headphone driver. It is designed for audio applications such as portable DVD, MP3 players or consumer equipment with line output and headphone output connections.

The WM8759 supports data input word lengths from 16 to 24-bits and sampling rates up to 192kHz. The WM8759 consists of a serial interface port, digital interpolation filters, multi-bit sigma delta modulators and stereo DAC in a 14-pin SOIC package.



FEATURES

• Stereo DAC with headphone driver

• 50mW power into 16R load on 3.3V supply

• Audio Performance

- 100dB SNR (‘A’ weighted @ 48kHz)

- -88dB THD line level

- -72dB THD headphone

• DAC Sampling Frequency: 8kHz – 192kHz

• Pin Selectable Audio Data Interface Format

- I2S, 16-bit Right Justified or DSP

• 2.7V - 5.5V Supply Operation, Split Analog-digital supplies

• 14-lead SOIC Package

• Typical power consumption 20mW on 2.7V supply



APPLICATIONS

• Portable music Players

• Home music players

• Digital TV




Similar Part No. - WM8759

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8759 WOLFSON-WM8759 Datasheet
254Kb / 20P
24-bit 192kHz Stereo DAC with Headphone Buffer
WM8759GED/RV WOLFSON-WM8759GED/RV Datasheet
254Kb / 20P
24-bit 192kHz Stereo DAC with Headphone Buffer
WM8759GED/V WOLFSON-WM8759GED/V Datasheet
254Kb / 20P
24-bit 192kHz Stereo DAC with Headphone Buffer
WM8759 WOLFSON-WM8759_06 Datasheet
254Kb / 20P
24-bit 192kHz Stereo DAC with Headphone Buffer
More results


Similar Description - WM8759

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
WM8762 WOLFSON-WM8762 Datasheet
148Kb / 15P
24-bit 192kHz Stereo DAC
WM8726 WOLFSON-WM8726 Datasheet
228Kb / 20P
24-bit 192kHz Stereo DAC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729_06 Datasheet
222Kb / 18P
24-bit, 192kHz Stereo DAC
WM8759 WOLFSON-WM8759_06 Datasheet
254Kb / 20P
24-bit 192kHz Stereo DAC with Headphone Buffer
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
24-bit 192kHz Stereo DAC
WM8726 WOLFSON-WM8726_12 Datasheet
154Kb / 23P
24-bit 192kHz Stereo DAC
WM8761 WOLFSON-WM8761_11 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com