Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLU9343 Datasheet (PDF) - International Rectifier

IRLU9343 Datasheet PDF - International Rectifier
Part # IRLU9343
Download  IRLU9343 Download
File Size   245.95 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description DIGITAL AUDIO MOSFET

IRLU9343 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLU9343 Datasheet PDF - International Rectifier

Part # IRLU9343
Download  IRLU9343 Click to download

File Size   245.95 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description DIGITAL AUDIO MOSFET

IRLU9343 Datasheet (HTML) - International Rectifier


IRLU9343 Product details

VDS -55 V
RDS(ON) typ. @ VGS = -10V 93 mΩ
RDS(ON) typ. @ VGS = -4.5V 150 mΩ
Qg typ. 31 nC
TJ max 175 °C

Description
This Digital Audio HEXFET® is specifically designed for Class-D audio amplifier applications. This MosFET utilizes the latest processing techniques to achieve low on-resistance per silicon area. Furthermore, Gate charge, body-diode reverse recovery and internal Gate resistance are optimized to improve key Class-D audio amplifier performance factors such as efficiency, THD and EMI. Additional features of this MosFET are 175°C operating junction temperature and repetitive avalanche capability. These features combine to make this MosFET a highly efficient, robust and reliable device for Class-D audio amplifier applications.

Features
● Advanced Process Technology
● Key Parameters Optimized for Class-D Audio Amplifier Applications
● Low RDSON for Improved Efficiency
● Low Qg and Qsw for Better THD and Improved Efficiency
● Low Qrr for Better THD and Lower EMI
● 175°C Operating Junction Temperature for Ruggedness
● Repetitive Avalanche Capability for Robustness and Reliability
● Multiple Package Options




Similar Part No. - IRLU9343

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRLU9343 KERSEMI-IRLU9343 Datasheet
1Mb / 10P
Advanced Process Technology
logo
Inchange Semiconductor ...
IRLU9343 ISC-IRLU9343 Datasheet
304Kb / 2P
isc P-Channel MOSFET Transistor
logo
International Rectifier
IRLU9343-701PBF IRF-IRLU9343-701PBF Datasheet
299Kb / 10P
DIGITAL AUDIO MOSFET
IRLU9343PBF IRF-IRLU9343PBF Datasheet
299Kb / 10P
DIGITAL AUDIO MOSFET
More results


Similar Description - IRLU9343

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLIB9343 IRF-IRLIB9343 Datasheet
190Kb / 7P
DIGITAL AUDIO MOSFET
IRLIB4343 IRF-IRLIB4343 Datasheet
239Kb / 7P
DIGITAL AUDIO MOSFET
IRLR9343PBF IRF-IRLR9343PBF Datasheet
299Kb / 10P
DIGITAL AUDIO MOSFET
IRLIB9343PBF IRF-IRLIB9343PBF Datasheet
208Kb / 7P
DIGITAL AUDIO MOSFET
IRFI4019H-117P IRF-IRFI4019H-117P Datasheet
286Kb / 7P
DIGITAL AUDIO MOSFET
IRF6785MTRPBF IRF-IRF6785MTRPBF Datasheet
604Kb / 9P
DIGITAL AUDIO MOSFET
IRLR4343PBF IRF-IRLR4343PBF Datasheet
306Kb / 11P
DIGITAL AUDIO MOSFET
IRFSL5620PBF IRF-IRFSL5620PBF Datasheet
338Kb / 9P
DIGITAL AUDIO MOSFET
IRFS5620PBF IRF-IRFS5620PBF Datasheet
338Kb / 9P
DIGITAL AUDIO MOSFET
IRFSL5615PBF IRF-IRFSL5615PBF Datasheet
351Kb / 9P
DIGITAL AUDIO MOSFET
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com