Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G690L263T22 Datasheet (PDF) - Global Mixed-mode Technology Inc

G690L263T22 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G690L263T22
Download  G690L263T22 Download
File Size   219.02 Kbytes
Page   12 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Microprocessor Reset IC

G690L263T22 Datasheet (PDF)

Go To PDF Page Download Datasheet
G690L263T22 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G690L263T22
Download  G690L263T22 Click to download

File Size   219.02 Kbytes
Page   12 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Microprocessor Reset IC

G690L263T22 Datasheet (HTML) - Global Mixed-mode Technology Inc


G690L263T22 Product details

General Description

The G690/G691 are microprocessor (µP) supervisory circuits used to monitor the power supplies in µP and digital systems. They provide excellent circuit reliability and low cost by eliminating external components and adjustments when used with +5V, +3.3V, +3.0V- powered circuits.

These circuits perform a single function: they assert a reset signal whenever the VCC supply voltage declines below a preset threshold, keeping it asserted for at least 140ms after VCC has risen above the reset threshold. Reset thresholds suitable for operation with a variety of supply voltages are available.



Features

■ Precision Monitoring of +3V, +3.3V, and +5V Power-Supply Voltages

■ Fully Specified Over Temperature

■ Available in Three Output Configurations

   Push-Pull RESET Output (G690L)

   Push-Pull RESET Output (G690H)

   Open-Drain RESET Output (G691L)

■ 140ms min Power-On Reset Pulse Width

■ 10µA Supply Current

■ Guaranteed Reset Valid to VCC = +1V

■ Power Supply Transient Immunity

■ No External Components

■ 3-Pin SOT-23 and SC-70-3(SOT-323) Packages



Applications

■ Computers

■ Controllers

■ Intelligent Instruments

■ Critical µP and µC Power Monitoring

■ Portable / Battery-Powered Equipment

■ Automotive



 




Similar Part No. - G690L263T22

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G690 GMT-G690_15 Datasheet
35Kb / 1P
Microprocessor Reset IC
More results


Similar Description - G690L263T22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G684 GMT-G684 Datasheet
174Kb / 7P
Microprocessor Reset IC
G696 GMT-G696_06 Datasheet
164Kb / 11P
Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G680 GMT-G680 Datasheet
56Kb / 1P
Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
Microprocessor Reset IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com