Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7831 Datasheet (PDF) - International Rectifier

IRF7831 Datasheet PDF - International Rectifier
Part # IRF7831
Download  IRF7831 Download
File Size   171.61 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET Power MOSFET

IRF7831 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7831 Datasheet PDF - International Rectifier

Part # IRF7831
Download  IRF7831 Click to download

File Size   171.61 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET Power MOSFET

IRF7831 Datasheet (HTML) - International Rectifier


IRF7831 Product details

Applications

• High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems.



Benefits

• Very Low RDS(on) at 4.5V VGS

• Ultra-Low Gate Impedance

• Fully Characterized Avalanche Voltage and Current



 




Similar Part No. - IRF7831

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7831PBF IRF-IRF7831PBF Datasheet
264Kb / 10P
HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 3.6m廓@VGS = 10V , Qg(typ.) = 40nC )
IRF7831PBF IRF-IRF7831PBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter
IRF7831PBF IRF-IRF7831PBF Datasheet
270Kb / 10P
Ultra-Low Gate Impedance
IRF7831PBF IRF-IRF7831PBF_15 Datasheet
270Kb / 10P
Ultra-Low Gate Impedance
IRF7831TRPBF IRF-IRF7831TRPBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter
More results


Similar Description - IRF7831

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com