Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PD55008L Datasheet (PDF) - STMicroelectronics

PD55008L Datasheet PDF - STMicroelectronics
Part No. PD55008L
Download  PD55008L Click to view

File Size   86.48 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF POWER TRANSISTORS The LdmoST Plastic FAMILY

PD55008L Datasheet (PDF)

Go To PDF Page Download Datasheet
PD55008L Datasheet PDF - STMicroelectronics

Part No. PD55008L
Download  PD55008L Click to view

File Size   86.48 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF POWER TRANSISTORS The LdmoST Plastic FAMILY

PD55008L Datasheet (HTML) - STMicroelectronics

PD55008L Datasheet HTML 1Page - STMicroelectronics PD55008L Datasheet HTML 2Page - STMicroelectronics PD55008L Datasheet HTML 3Page - STMicroelectronics PD55008L Datasheet HTML 4Page - STMicroelectronics PD55008L Datasheet HTML 5Page - STMicroelectronics PD55008L Datasheet HTML 6Page - STMicroelectronics PD55008L Datasheet HTML 7Page - STMicroelectronics PD55008L Datasheet HTML 8Page - STMicroelectronics PD55008L Datasheet HTML 9Page - STMicroelectronics

PD55008L Product details

HF to 2000 MHz Class AB Common Source - PowerSO-10RF
VHF / UHF radio and digital cellular BTS applications

HF to 2000MHz class AB common source - PowerFLAT
VHF / UHF radio applications

HF to 2000MHz class AB common cource - ceramic packages
UHF TV and digital cellular BTS applications

2 to 400MHz class AB common source N channel MOSFETs
HF / SSB, FM / VHF broadband applications

2 to 30MHz class AB linear, common emitter, HF / SSB



Similar Part No. - PD55008L

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
PD55008L ETC1-PD55008L Datasheet
288Kb / 5P
   HF to 2000 MHz Class AB Common Source - PowerSO-10RF
STMicroelectronics
STMicroelectronics
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
More results

Similar Description - PD55008L

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
PD57002 STMICROELECTRONICS-PD57002 Datasheet
131Kb / 16P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PD54008L-E STMICROELECTRONICS-PD54008L-E Datasheet
215Kb / 15P
   RF power transistors The LdmoST Plastic family
PD55015-PD55015S STMICROELECTRONICS-PD55015-PD55015S Datasheet
120Kb / 10P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PD55035 STMICROELECTRONICS-PD55035 Datasheet
181Kb / 14P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PD57018 STMICROELECTRONICS-PD57018 Datasheet
47Kb / 4P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PD54008L STMICROELECTRONICS-PD54008L Datasheet
92Kb / 8P
   RF POWER TRANSISTORS The LdmoST PLASTIC FAMILY
PD54003L STMICROELECTRONICS-PD54003L Datasheet
83Kb / 8P
   RF POWER TRANSISTORS The LdmoST PLASTIC FAMILY
PD55003 STMICROELECTRONICS-PD55003 Datasheet
309Kb / 19P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PD55003L STMICROELECTRONICS-PD55003L Datasheet
134Kb / 13P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PD55025 STMICROELECTRONICS-PD55025 Datasheet
289Kb / 13P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
More results

Datasheet Page

1  2  3  4  5  6  7  8  9 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz