Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK1707STR Datasheet (PDF) - Integrated Circuit Systems

MK1707STR Datasheet PDF - Integrated Circuit Systems
Part # MK1707STR
Download  MK1707STR Download
File Size   143.48 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low EMI Clock Generator

MK1707STR Datasheet (PDF)

Go To PDF Page Download Datasheet
MK1707STR Datasheet PDF - Integrated Circuit Systems

Part # MK1707STR
Download  MK1707STR Click to download

File Size   143.48 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low EMI Clock Generator

MK1707STR Datasheet (HTML) - Integrated Circuit Systems


MK1707STR Product details

Description

The MK1707 generates a low EMI output clock from a clock input. The part is designed to dither the LCD

interface clock for flat panel graphics controllers. The device uses ICS’ proprietary mix of analog and digital

Phase Locked Loop (PLL) technology to spread the frequency spectrum of the output, thereby reducing the

frequency amplitude peaks by several dB.



Features

• Packaged in 8-pin SOIC

• Available in Pb-free package

• Industrial temperature range available

• Provides a spread spectrum output clock

• Supports ATI’s flat panel controllers

• Guaranteed to +85°C operation

• Accepts a clock input, provides same frequency dithered output

• Good for all VGA modes from 80 to 167 MHz

• Peak reduction by 7dB - 14dB typical on 3rd - 19th odd harmonics

• Low EMI feature can be disabled

• Includes Power-down

• Operating voltage of 3.3 V or 5 V

• Advanced, low-power CMOS process



 




Similar Part No. - MK1707STR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK1707SILF RENESAS-MK1707SILF Datasheet
246Kb / 8P
LOW EMI CLOCK GENERATOR
REV L 072312
MK1707SILFTR RENESAS-MK1707SILFTR Datasheet
246Kb / 8P
LOW EMI CLOCK GENERATOR
REV L 072312
MK1707SLF RENESAS-MK1707SLF Datasheet
246Kb / 8P
LOW EMI CLOCK GENERATOR
REV L 072312
MK1707SLFTR RENESAS-MK1707SLFTR Datasheet
246Kb / 8P
LOW EMI CLOCK GENERATOR
REV L 072312
More results


Similar Description - MK1707STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
Low EMI Clock Generator
Revision 091205
MK1707D ICST-MK1707D Datasheet
134Kb / 7P
Low EMI Clock Generator
Revision 102804
ICS181-51 ICST-ICS181-51 Datasheet
90Kb / 6P
Low EMI Clock Generator
Revision 110404
ICS18001 ICST-ICS18001 Datasheet
103Kb / 7P
Low EMI Clock Generator
Revision 050405
ICS18002 ICST-ICS18002 Datasheet
100Kb / 6P
Low EMI Clock Generator
Revision 110404
logo
Renesas Technology Corp
MK1704A RENESAS-MK1704A Datasheet
344Kb / 8P
LOW EMI CLOCK GENERATOR
051310
MK5811 RENESAS-MK5811 Datasheet
248Kb / 8P
LOW EMI CLOCK GENERATOR
051310
IDT5V50015 RENESAS-IDT5V50015 Datasheet
364Kb / 10P
LOW EMI CLOCK GENERATOR
031109
ICS181-01 RENESAS-ICS181-01 Datasheet
292Kb / 9P
LOW EMI CLOCK GENERATOR
051310
ICS4231-03 RENESAS-ICS4231-03 Datasheet
312Kb / 8P
LOW EMI CLOCK GENERATOR
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com