Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC26C31D Datasheet (PDF) - Motorola, Inc

MC26C31D Datasheet PDF - Motorola, Inc
Part # MC26C31D
Download  MC26C31D Download
File Size   119.55 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Quad EIA-422-A Line Driver

MC26C31D Datasheet (PDF)

Go To PDF Page Download Datasheet
MC26C31D Datasheet PDF - Motorola, Inc

Part # MC26C31D
Download  MC26C31D Click to download

File Size   119.55 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Quad EIA-422-A Line Driver

MC26C31D Datasheet (HTML) - Motorola, Inc


MC26C31D Product details

Quad ELA-422-A Line Driver
CMOS

The MC26C31 is a quad differential line driver designed for digital data transmission over balanced lines. The MC26C31 meets all the requirements of standard EIA–422–A while retaining the low–power characteristics of CMOS. The MC26C31 accepts TTL or CMOS input levels and translates these to EIA–422–A output level. This part uses special output circuitry that enables the individual drivers to power down without loading down the bus. The MC26C31 also includes special circuitry which will set the outputs to a high impedance mode during power up or down, preventing spurious glitches. This device has enable and disable circuitry common for all four drivers.
The MC26C31 is pin compatible with the AM26LS31.
All pins are protected against damage due to electrostatic discharges.

• Maximum Supply Current: 3 mA
• 2000 V ESD Protection on the Inputs and Outputs
• TTL/CMOS Input Compatible
• Typical Propagation Delay: 6 ns
• Typical Output Skew: 1 ns
• Meets VO = 6.0 V (and VO = 0.25 V), VCC = 0 V, IO < 100 µA Requirement
• Meets the Requirements of Standard EIA–422–A
• Operation from Single 5 V Supply
• High Impedance Mode for Outputs Connected to System Buses




Similar Part No. - MC26C31D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC26C32 MOTOROLA-MC26C32 Datasheet
115Kb / 4P
Quad EIA-422-A Line Receiver
MC26C32D MOTOROLA-MC26C32D Datasheet
115Kb / 4P
Quad EIA-422-A Line Receiver
MC26C32P MOTOROLA-MC26C32P Datasheet
115Kb / 4P
Quad EIA-422-A Line Receiver
More results


Similar Description - MC26C31D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AM26LS32 MOTOROLA-AM26LS32 Datasheet
81Kb / 4P
QUAD EIA-422/3 LINE RECEIVER WITH THREE.STATE OUTPUTS
logo
ON Semiconductor
MC1488 ONSEMI-MC1488 Datasheet
157Kb / 8P
QUAD MDTL LINE DRIVER EIA-232D
1996 REV 3
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30_05 Datasheet
117Kb / 14P
Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
MC1488 ONSEMI-MC1488_06 Datasheet
179Kb / 11P
Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC34C86 MOTOROLA-MC34C86 Datasheet
116Kb / 4P
Quad EIA-422-A Line Receiver CMOS
MC26C32 MOTOROLA-MC26C32 Datasheet
115Kb / 4P
Quad EIA-422-A Line Receiver
MC34C87 MOTOROLA-MC34C87 Datasheet
119Kb / 4P
Quad EIA-422-A Line Driver
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com