Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8553 Datasheet (PDF) - Maxim Integrated Products

MAX8553 Datasheet PDF - Maxim Integrated Products
Part # MAX8553
Download  MAX8553 Download
File Size   483.52 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications

MAX8553 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8553 Datasheet PDF - Maxim Integrated Products

Part # MAX8553
Download  MAX8553 Click to download

File Size   483.52 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications

MAX8553 Datasheet (HTML) - Maxim Integrated Products


MAX8553 Product details

General Description
The MAX8553 is a 4.5V to 28V input-voltage, synchronous step-down controller that provides a complete power-management solution for DDR memory. The MAX8553 generates 1/2 VREFIN voltage for VTT and VTTR. The VTT and VTTR tracking voltages are maintained within 1% of 1/2 VREFIN. The MAX8554 is a 4.5V to 28V input voltage, nontracking step-down controller with a low 0.6V feedback threshold voltage. The MAX8553/MAX8554 use Maxim’s proprietary Quick-PWM™ architecture for fast transient response and operate with selectable pseudo-fixed frequencies. Both controllers can operate without an external bias supply.

Features
♦ Up to 25A Output-Current Capability
♦ Quick-PWM Control for Fast Loop Response
♦ Up to 95% Efficiency
♦ 4.5V to 28V Input Voltage Range
♦ No External Bias Supply Required
♦ 0 to 3.6V Input REFIN Range (MAX8553)
♦ Automatically Sets VTT and VTTR to within ±1% of 1/2 VREFIN- (MAX8553)
♦ Low 0.6V Feedback Threshold (MAX8554)
♦ 200kHz/300kHz/400kHz/550kHz Selectable Switching Frequencies
♦ Adjustable Foldback Current Limit
♦ Overvoltage Protection
♦ Digital Soft-Start

Applications
    Wide-Input Power Supplies
    Servers and Storage Applications
    ASIC and CPU Core Voltages
    Notebook and LCD-PC Power Supplies
    DDR I and DDR II Memory Power Supplies
    AGTL Bus Termination Supplies




Similar Part No. - MAX8553

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8553ETI MAXIM-MAX8553ETI Datasheet
133Kb / 1P
Dual, 5A, 1.5MHz Step-Down Regulator with Integrated High-Side Switches
Rev 0; 7/07
More results


Similar Description - MAX8553

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7058 ANPEC-APW7058 Datasheet
174Kb / 13P
Synchronous Buck PWM and Linear Controllers
logo
Maxim Integrated Produc...
MAX15023 MAXIM-MAX15023 Datasheet
417Kb / 28P
Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 1; 2/09
MAX15023 MAXIM-MAX15023_11 Datasheet
481Kb / 28P
Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
logo
International Rectifier
IRF7805ZTRPBF IRF-IRF7805ZTRPBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter
IRF7831TRPBF IRF-IRF7831TRPBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter
logo
Maxim Integrated Produc...
MAX15023ETG-T MAXIM-MAX15023ETG-T Datasheet
499Kb / 28P
Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX8537 MAXIM-MAX8537 Datasheet
414Kb / 23P
Dual-Synchronous Buck Controllers for Point-of-Load, Tracking, and DDR Memory Power Supplies
Rev 0; 1/04
logo
Shenzhen Guan Hua Wei Y...
WSG02P06 WIINSOK-WSG02P06 Datasheet
2Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter.
WSF30100D WIINSOK-WSF30100D Datasheet
1Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter
logo
Guangdong Youtai Semico...
IRF7476TR UMW-IRF7476TR Datasheet
372Kb / 8P
High Frequency 3.3V and 5V input Point-of-Load Synchronous Buck Converters for
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com