Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-263A Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL-263A Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL-263A
Download  HCPL-263A Download
File Size   159.22 Kbytes
Page   15 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 遙쁂MR ?곲쳵?잞펷10MBd竊?鵝롥뀯?쎼깢?⒲깉?ャ깤?

HCPL-263A Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-263A Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL-263A
Download  HCPL-263A Click to download

File Size   159.22 Kbytes
Page   15 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 遙쁂MR ?곲쳵?잞펷10MBd竊?鵝롥뀯?쎼깢?⒲깉?ャ깤?

HCPL-263A Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL-263A Product details

Description
The HCPL-261A family of optically coupled gates shown on this data sheet provide all the benefits of the industry standard 6N137 family with the added benefit of HCMOS compatible input current. This allows direct interface to all common circuit topologies without additional LED buffer or drive components. The AlGaAs LED used allows lower drive currents and reduces degradation by using the latest LED technology. On the single channel parts, an enable output allows the detector to be strobed. The output of the detector IC is an open collector schottky clamped transistor. The internal shield provides a minimum common mode transient immunity of 1000 V/µs for the HCPL-261A family and 15000 V/µs for the HCPL-261N family.

Features
• HCMOS/LSTTL/TTL Performance Compatible
• 1000 V/µs Minimum
   Common Mode Rejection
   (CMR) at VCM = 50 V (HCPL- 261A Family) and 15 kV/µs
   Minimum CMR at VCM = 1000 V (HCPL-261N Family)
• High Speed: 10 MBd Typical
• AC and DC Performance
   Specified over Industrial
   Temperature Range -40°C to +85°C
• Available in 8 Pin DIP, SOIC-8 Packages
• Safety Approval
   UL Recognized per UL1577
      2500 V rms for 1 minute and
      5000 V rms for 1 minute
      (Option 020)
   CSA Approved
   VDE 0884 Approved with
      VIORM = 630 V peak for
      HCPL-261A/261N
      Option 060
  
Applications
• Low Input Current (3.0 mA) HCMOS Compatible Version of 6N137 Optocoupler
• Isolated Line Receiver
• Simplex/Multiplex Data Transmission
• Computer-Peripheral Interface
• Digital Isolation for A/D, D/A Conversion
• Switching Power Supplies
• Instrumentation Input/Output Isolation
• Ground Loop Elimination
• Pulse Transformer Replacement




Similar Part No. - HCPL-263A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-263A HP-HCPL-263A Datasheet
256Kb / 20P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-263A HP-HCPL-263A Datasheet
246Kb / 15P
High CMR Line Receiver Optocouplers
HCPL-263A HP-HCPL-263A Datasheet
252Kb / 16P
HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-263A AVAGO-HCPL-263A Datasheet
422Kb / 17P
HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-263A AVAGO-HCPL-263A Datasheet
469Kb / 16P
High CMR Line Receiver Optocouplers Isolated line receiver
More results


Similar Description - HCPL-263A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC3202B TOREX-XC3202B Datasheet
316Kb / 9P
鵝롦텋縕삯쎔?쎼깫?쇈꺂 IC竊덄즯麗쀣궩?녈궢
logo
Asahi Kasei Microsystem...
AK2306VM AKM-AK2306VM Datasheet
893Kb / 36P
ISDN/VoIP?욍꺖?잆깏?ャ궋??깤?욜뵪 竊믡긽?c꺍?띲꺂 竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
AK2306LVM AKM-AK2306LVM Datasheet
887Kb / 36P
ISDN/VoIP?욍꺖?잆깏?ャ궋??깤?욜뵪 竊믡긽?c꺍?띲꺂 竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
AK2303LVM AKM-AK2303LVM Datasheet
955Kb / 40P
PBX訝삭즳營?궋?듽꺆?겹꺀?ㅳ꺍?ャ꺖?됬뵪竊믡긽?c꺍?띲꺂 竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
logo
National Instruments Co...
PCFMB150E6 NI-PCFMB150E6_15 Datasheet
283Kb / 4P
竊묕폊竊?竊∽펽竊뽳폁竊먲섬
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
竊볩폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100B12 NI-PCHMB100B12_15 Datasheet
201Kb / 3P
竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100B12A NI-PCHMB100B12A_15 Datasheet
201Kb / 3P
竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100E6 NI-PCHMB100E6_15 Datasheet
259Kb / 4P
竊묕폁竊먲샥竊뚳폋竊먲폁竊
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com