Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF730B Datasheet (PDF) - Inchange Semiconductor Company Limited

IRF730B Datasheet PDF - Inchange Semiconductor Company Limited
Part # IRF730B
Download  IRF730B Download
File Size   201.45 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel MOSFET Transistor

IRF730B Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF730B Datasheet PDF - Inchange Semiconductor Company Limited

Part # IRF730B
Download  IRF730B Click to download

File Size   201.45 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel MOSFET Transistor

IRF730B Datasheet (HTML) - Inchange Semiconductor Company Limited


IRF730B Product details

DESCRIPTION
• Drain Current –ID=5.5A@ TC=25℃
• Drain Source Voltage-
   : VDSS= 400V(Min)
• Static Drain-Source On-Resistance
   : RDS(on) = 1.0Ω (Max)
• Fast Switching Speed

APPLICATIONS
• Designed especially for high voltage,high speed applications,
   such as off-line switching power supplies , UPS,AC and DC
   motor controls,relay and solenoid drivers.




Similar Part No. - IRF730B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF730B FAIRCHILD-IRF730B Datasheet
898Kb / 10P
400V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRF730B KERSEMI-IRF730B Datasheet
3Mb / 9P
400V N-Channel MOSFET
logo
Vishay Siliconix
IRF730B VISHAY-IRF730B Datasheet
293Kb / 8P
D Series Power MOSFET
18-Jun-12
IRF730B VISHAY-IRF730B Datasheet
173Kb / 8P
D Series Power MOSFET
18-Jun-12
IRF730B VISHAY-IRF730B_V01 Datasheet
173Kb / 8P
D Series Power MOSFET
18-Jun-12
More results


Similar Description - IRF730B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD025N06N ISC-IPD025N06N Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD040N03L ISC-IPD040N03L Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
IPD50R399CP ISC-IPD50R399CP Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD50R800CE ISC-IPD50R800CE Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD088N06N3 ISC-IPD088N06N3 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
IPD090N03L ISC-IPD090N03L Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPP039N04L ISC-IPP039N04L Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IPP070N08N3 ISC-IPP070N08N3 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRF3256 ISC-IRF3256 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRL1404 ISC-IRL1404 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com