Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317 Datasheet (PDF) - Inchange Semiconductor Company Limited

LM317 Datasheet PDF - Inchange Semiconductor Company Limited
Part # LM317
Download  LM317 Download
File Size   130.08 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Adjustable Voltage Regulator

LM317 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM317 Datasheet PDF - Inchange Semiconductor Company Limited

Part # LM317
Download  LM317 Click to download

File Size   130.08 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Adjustable Voltage Regulator

LM317 Datasheet (HTML) - Inchange Semiconductor Company Limited


LM317 Product details

DESCRIPTION
• They are designed to supply more than 1.5A of load current with an output voltage adjustable over a 1.2 to 37V range.
• The nominal output voltage is selected by means of only a resistive divider,making the device exceptionally easy to use and eliminating the stocking of many fixed regulators.

FEATURES
• Output Voltage Range :1.2V to 37V
• Output Current in Excess of 1.5A
• 0.1% Line and Load Regulation
• Floating Opearation for High Voltages
• Complete Series of Protections: Current Limiting, Thermal Shutdown and SOA Control




Similar Part No. - LM317

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317 NSC-LM317 Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
logo
ON Semiconductor
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
logo
STMicroelectronics
LM317 STMICROELECTRONICS-LM317 Datasheet
99Kb / 11P
1.2V TO 37V VOLTAGE REGULATOR
Nov-1999
logo
Wing Shing Computer Com...
LM317 WINGS-LM317 Datasheet
213Kb / 3P
3-TERMINAL ADJUSTABLE REGULATORS
logo
List of Unclassifed Man...
LM317 ETC-LM317 Datasheet
202Kb / 3P
3-TERMINAL 1A POSTIVE ADJUSTABLE REGULATOR
More results


Similar Description - LM317

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCUC723 UTC-UTCUC723 Datasheet
222Kb / 4P
ADJUSTABLE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S3ULM317 SECOS-S3ULM317 Datasheet
298Kb / 4P
Adjustable Voltage Regulator
SULM317 SECOS-SULM317 Datasheet
298Kb / 4P
Adjustable Voltage Regulator
logo
Inchange Semiconductor ...
LM317K ISC-LM317K Datasheet
124Kb / 1P
Adjustable Voltage Regulator
LM317T ISC-LM317T Datasheet
127Kb / 1P
Adjustable Voltage Regulator
logo
E-Tech Electronics LTD
UC723 ETL-UC723 Datasheet
154Kb / 4P
ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317 UTC-LM317_15 Datasheet
284Kb / 5P
ADJUSTABLE VOLTAGE REGULATOR
LM317A UTC-LM317A_15 Datasheet
267Kb / 5P
ADJUSTABLE VOLTAGE REGULATOR
LM317L UTC-LM317L_15 Datasheet
215Kb / 5P
ADJUSTABLE VOLTAGE REGULATOR
UTCUC723 UTC-UTCUC723_V01 Datasheet
264Kb / 4P
ADJUSTABLE VOLTAGE REGULATOR
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com