Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN8830 Datasheet (PDF) - Analog Devices

ADN8830 Datasheet PDF - Analog Devices
Part # ADN8830
Download  ADN8830 Download

File Size   416.88 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Thermoelectric Cooler Controller

ADN8830 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN8830 Datasheet PDF - Analog Devices

Part # ADN8830
Download  ADN8830 Click to download

File Size   416.88 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Thermoelectric Cooler Controller

ADN8830 Datasheet (HTML) - Analog Devices

Back Button ADN8830 Datasheet HTML 1Page - Analog Devices ADN8830 Datasheet HTML 2Page - Analog Devices ADN8830 Datasheet HTML 3Page - Analog Devices ADN8830 Datasheet HTML 4Page - Analog Devices ADN8830 Datasheet HTML 5Page - Analog Devices ADN8830 Datasheet HTML 6Page - Analog Devices ADN8830 Datasheet HTML 7Page - Analog Devices ADN8830 Datasheet HTML 8Page - Analog Devices ADN8830 Datasheet HTML 9Page - Analog Devices ADN8830 Datasheet HTML 10Page - Analog Devices Next Button 

ADN8830 Product details

GENERAL DESCRIPTION

The ADN8830 is a monolithic controller that drives a thermoelectric cooler (TEC) to stabilize the temperature of a laser diode or a passive component used in telecommunications equipment.

This device relies on a negative temperature coefficient (NTC) thermistor to sense the temperature of the object attached to the TEC. The target temperature is set with an analog input voltage either from a DAC or an external resistor divider.



FEATURES

  High Efficiency

  Small Size: 5 mm x 5 mm LFCSP

  Low Noise: <0.5% TEC Current Ripple

  Long-Term Temperature Stability: ±0.01°C

  Temperature Lock Indication

  Temperature Monitoring Output

  Oscillator Synchronization with an External Signal

  Clock Phase Adjustment for Multiple Controllers

  Programmable Switching Frequency up to 1 MHz

  Thermistor Failure Alarm

  Maximum TEC Voltage Programmability



APPLICATIONS

  Thermoelectric Cooler (TEC) Temperature Control

  Resistive Heating Element Control

  Temperature Stabilization Substrate (TSS) Control



 




Similar Part No. - ADN8830

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8830 AD-ADN8830 Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
ADN8830 AD-ADN8830 Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
ADN8830 AD-ADN8830 Datasheet
1Mb / 30P
   Ultracompact 4A, 15V, Full Bridge Driver with SPI
ADN8830ACPZ AD-ADN8830ACPZ Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
ADN8830ACPZ-REEL AD-ADN8830ACPZ-REEL Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
More results


Similar Description - ADN8830

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8830 AD-ADN8830_15 Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
ADN8830ACPZ AD-ADN8830ACPZ Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
ADN8831ACPZ-R2 AD-ADN8831ACPZ-R2 Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831 AD-ADN8831 Datasheet
505Kb / 11P
   Thermoelectric Cooler (TEC) Controller
Rev. PrC
ADN8831ACP AD-ADN8831ACP Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831 AD-ADN8831_15 Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
logo
Linear Technology
LTC1923 LINER-LTC1923_15 Datasheet
452Kb / 28P
   High Efficiency Thermoelectric Cooler Controller
LTC1923 LINER-LTC1923 Datasheet
452Kb / 28P
   High Efficiency Thermoelectric Cooler Controller
logo
Microsemi Corporation
LX1810 MICROSEMI-LX1810 Datasheet
133Kb / 6P
   ThermoElectric Cooler Drive Controller IC
logo
List of Unclassifed Man...
RC6-4 ETC2-RC6-4 Datasheet
475Kb / 2P
   Thermoelectric Cooler
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com