Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLP40-7629J Datasheet (PDF) - Artesyn Technologies

NLP40-7629J Datasheet PDF - Artesyn Technologies
Part # NLP40-7629J
Download  NLP40-7629J Download
File Size   607.44 Kbytes
Page   5 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Single, Dual and Triple Output

NLP40-7629J Datasheet (PDF)

Go To PDF Page Download Datasheet
NLP40-7629J Datasheet PDF - Artesyn Technologies

Part # NLP40-7629J
Download  NLP40-7629J Click to download

File Size   607.44 Kbytes
Page   5 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Single, Dual and Triple Output

NLP40-7629J Datasheet (HTML) - Artesyn Technologies


NLP40-7629J Product details

Total Power: 40 - 50 W

Input Voltage: 90 - 264 Vac

                   120 - 370 Vdc

# of Outputs: Single, dual, triple



SPECIAL FEATURES

■ 4.25 x 2.5 x 1.15 inch package (1U applications)

■ Universal input

■ Overvoltage and short circuit protection

■ 40 W with free air convection

■ EN55022, EN55011 conducted emission level B

■ EN61000-4-2, -3, -4, -5, -6 immunity compliant

■ UL, VDE and CSA safety approvals

■ NLP40 enclosure kit available

■ RoHS compliant



 




Similar Part No. - NLP40-7629J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP40-7629J EMERSON-NETWORKPOWER-NLP40-7629J Datasheet
91Kb / 3P
40-50 W AC/DC Universal Input Switch Mode Power Supplies
More results


Similar Description - NLP40-7629J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NFN40 ETC-NFN40 Datasheet
49Kb / 3P
Single and triple output
FEC40 ETC-FEC40 Datasheet
148Kb / 2P
OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT
logo
Artesyn Technologies
CL40 ARTESYN-CL40 Datasheet
49Kb / 2P
Single and triple output
logo
Recom International Pow...
RP20-123.3SE RECOM-RP20-123.3SE_06 Datasheet
99Kb / 4P
20 Watt Single, Dual & Triple Output
logo
Artesyn Technologies
NAL25-7608 ARTESYN-NAL25-7608 Datasheet
70Kb / 2P
Single, dual and triple output
NLP150H ARTESYN-NLP150H Datasheet
119Kb / 4P
Single, dual, triple and quad output
NLP65-7608J ARTESYN-NLP65-7608J Datasheet
614Kb / 5P
Single, Dual and Triple Output
NFS40-7607 ARTESYN-NFS40-7607 Datasheet
461Kb / 4P
SIngle and triple output
NLP65-9605GJ ARTESYN-NLP65-9605GJ Datasheet
614Kb / 5P
Single, Dual and Triple Output
logo
Recom International Pow...
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
15 Watt Single/Dual & Triple Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com