Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZPY62B Datasheet (PDF) - Diotec Semiconductor

ZPY62B Datasheet PDF - Diotec Semiconductor
Part # ZPY62B
Download  ZPY62B Download
File Size   84.13 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon Power Z-Diodes

ZPY62B Datasheet (PDF)

Go To PDF Page Download Datasheet
ZPY62B Datasheet PDF - Diotec Semiconductor

Part # ZPY62B
Download  ZPY62B Click to download

File Size   84.13 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon Power Z-Diodes

ZPY62B Datasheet (HTML) - Diotec Semiconductor


ZPY62B Product details

Silicon Power Z-Diodes (non-planar technology)

• Maximum power dissipation         1.3 W
• Nominal Z-voltage                 10...200 V
• Plastic case                                 DO-41
• Weight approx.                              0.4 g
• Plastic material has UL classification 94V-0
• Standard packaging taped in ammo pack




Similar Part No. - ZPY62B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZPY62 DIODES-ZPY62 Datasheet
62Kb / 3P
SILICON PLANAR POWER ZENER DIODE
DS21404 Rev. D-3
logo
General Semiconductor
ZPY62 GE-ZPY62 Datasheet
217Kb / 5P
ZENER DIODES
logo
Vishay Siliconix
ZPY62 VISHAY-ZPY62 Datasheet
186Kb / 5P
Zener Diodes
02-May-02
logo
Diotec Semiconductor
ZPY62 DIOTEC-ZPY62 Datasheet
111Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
logo
EIC discrete Semiconduc...
ZPY62 EIC-ZPY62 Datasheet
35Kb / 2P
ZENER DIODES
More results


Similar Description - ZPY62B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZG03C VISHAY-BZG03C Datasheet
71Kb / 5P
Silicon Z-Diodes
01-Apr-99
BZG05C VISHAY-BZG05C Datasheet
64Kb / 4P
Silicon Z-Diodes
01-Apr-99
TZM5221B VISHAY-TZM5221B Datasheet
59Kb / 4P
Silicon Z-Diodes
01-Apr-99
logo
Diotec Semiconductor
ZPY10 DIOTEC-ZPY10 Datasheet
90Kb / 2P
Silicon Power Z-Diodes
logo
Vishay Siliconix
BZG47 VISHAY-BZG47 Datasheet
84Kb / 4P
Silicon Z–Diodes
06-Aug-99
logo
New Jersey Semi-Conduct...
ZX3.9 NJSEMI-ZX3.9 Datasheet
166Kb / 2P
Silicon Power Z Diodes
logo
List of Unclassifed Man...
BZY83C ETC-BZY83C Datasheet
157Kb / 5P
Silicon Z-diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com