Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRR8010C Datasheet (PDF) - Copal Electronics

DRR8010C Datasheet PDF - Copal Electronics
Part # DRR8010C
Download  DRR8010C Download
File Size   802.33 Kbytes
Page   4 Pages
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics
Description Hyper-Miniature Dip Rotary Switches

DRR8010C Datasheet (PDF)

Go To PDF Page Download Datasheet
DRR8010C Datasheet PDF - Copal Electronics

Part # DRR8010C
Download  DRR8010C Click to download

File Size   802.33 Kbytes
Page   4 Pages
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics
Description Hyper-Miniature Dip Rotary Switches

DRR8010C Datasheet (HTML) - Copal Electronics




Similar Part No. - DRR8010C

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
DRR-129 HAMLIN-DRR-129 Datasheet
65Kb / 1P
Normally open switch size with 50.80mm x 5.25mm
logo
Littelfuse
DRR-129 LITTELFUSE-DRR-129 Datasheet
501Kb / 2P
DRR-129 50.8mm Close-Differential Reed Switch
logo
Delta Electronics, Inc.
DRR-20A DELTA-DRR-20A Datasheet
742Kb / 6P
The new Redundancy Module DRR 20A is the latest offering from one of the World?셲 No.1 Power Supply Company.
DRR-20X DELTA-DRR-20X Datasheet
809Kb / 8P
CliQ II Redundancy Module
logo
Littelfuse
DRR-DTH LITTELFUSE-DRR-DTH Datasheet
302Kb / 2P
Axial Lead Reed Switches
More results


Similar Description - DRR8010C

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
Rotary DIP Switches
logo
Copal Electronics
ASE-SERIES COPAL-ASE-SERIES Datasheet
949Kb / 4P
Hyper-miniature Slide Switches
CF-LD-SERIES COPAL-CF-LD-SERIES Datasheet
475Kb / 2P
Hyper-Miniature Lever Switches
ASE COPAL-ASE Datasheet
949Kb / 4P
Hyper-miniature Slide Switches
CF-LD COPAL-CF-LD Datasheet
475Kb / 2P
Hyper-Miniature Lever Switches
MHS COPAL-MHS Datasheet
839Kb / 6P
Hyper-miniature Slide Switches
MRE COPAL-MRE Datasheet
766Kb / 2P
Miniature Rotary Switches
MR-STEP30 COPAL-MR-STEP30 Datasheet
574Kb / 3P
Miniature Rotary Switches
SMR COPAL-SMR Datasheet
1Mb / 4P
Hyper-Miniature Dip Rotary Switches
SRF COPAL-SRF Datasheet
488Kb / 2P
Miniature Rotary Switches
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com