Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMA0509D Datasheet (PDF) - List of Unclassifed Manufacturers

NMA0509D Datasheet PDF - List of Unclassifed Manufacturers
Part # NMA0509D
Download  NMA0509D Download
File Size   171.16 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS

NMA0509D Datasheet (PDF)

Go To PDF Page Download Datasheet
NMA0509D Datasheet PDF - List of Unclassifed Manufacturers

Part # NMA0509D
Download  NMA0509D Click to download

File Size   171.16 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS

NMA0509D Datasheet (HTML) - List of Unclassifed Manufacturers


NMA0509D Product details

[CD-Technologies]

DESCRIPTION
The NMA series of industrial temperature range DC-DC converters are the standard building blocks for on-board distributed power systems. They are ideally suited for providing dual rail supplies on primarily digital boards with the added benefit of galvanic isolation to reduce switching noise. All of the rated power may be drawn from a single pin provided the total load does not exceed 1watt.

FEATURES
■ Wide Temperature performance at full 1 Watt load, –40°C to 85°C
■ Dual Output from a Single Input Rail
■ Industry Standard Pinout
■ Power Sharing on Output
■ 1kVDC Isolation
■ Efficiency to 78%
■ Power Density up to 0.85W/cm3
■ 5V & 12V Input
■ 5V, 9V, 12V and 15V Output
■ Footprint from 1.17cm2
■ UL 94V-0 Package Material
■ No Heatsink Required
■ Internal SMD Construction
■ Toroidal Magnetics
■ Fully Encapsulated
■ No External Components Required
■ MTTF up to 2.1 Million hours
■ Custom Solutions Available
■ No Electrolytic or Tantalum Capacitors




Similar Part No. - NMA0509D

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMA0509D CANDD-NMA0509D Datasheet
171Kb / 2P
Isolated 1W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
NMA0509DC MURATA-NMA0509DC Datasheet
219Kb / 6P
Isolated 1W Dual Output DC/DC Converters
More results


Similar Description - NMA0509D

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
Isolated 1W Dual Output DC-DC Converters
NMA CANDD-NMA Datasheet
168Kb / 2P
Isolated 1W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NTA MURATA-KDC_NTA Datasheet
159Kb / 4P
Isolated 1W Dual Output SM DC/DC Converters
MEA1D0505SC MURATA-MEA1D0505SC Datasheet
254Kb / 8P
1kVDC Isolated 1W Dual Output DC/DC Converters
NMA0505DC MURATA-NMA0505DC Datasheet
219Kb / 6P
Isolated 1W Dual Output DC/DC Converters
NMA2405SC MURATA-NMA2405SC Datasheet
126Kb / 4P
Isolated 1W Dual Output DC/DC Converters
MEA1D2415DC MURATA-MEA1D2415DC Datasheet
239Kb / 8P
1kVDC Isolated 1W Dual Output DC/DC Converters
logo
Microdc power Technolog...
A-XD MICRODC-A-XD Datasheet
579Kb / 5P
Isolated 1W Dual Output DC/DC Converters
E-XSD MICRODC-E-XSD Datasheet
657Kb / 4P
Isolated 1W Dual Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPNA TOPPOWER-TPNA Datasheet
673Kb / 4P
1W 3KVDC Isolated Dual Output DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com