Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A29800BUG-55F Datasheet (PDF) - AMIC Technology

A29800BUG-55F Datasheet PDF - AMIC Technology
Part # A29800BUG-55F
Download  A29800BUG-55F Download
File Size   488.4 Kbytes
Page   40 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory

A29800BUG-55F Datasheet (PDF)

Go To PDF Page Download Datasheet
A29800BUG-55F Datasheet PDF - AMIC Technology

Part # A29800BUG-55F
Download  A29800BUG-55F Click to download

File Size   488.4 Kbytes
Page   40 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory

A29800BUG-55F Datasheet (HTML) - AMIC Technology


A29800BUG-55F Product details

General Description
The A29800B is an 8Mbit, 5.0 volt-only Flash memory organized as 1,048,576 bytes of 8 bits or 524,288 words of 16 bits each. The 8 bits of data appear on I/O0 - I/O7; the 16 bits of data appear on I/O0~I/O15. The is offered in 48-ball FBGA and 48-Pin TSOP packages. This device is designed to be programmed in-system with the standard system 5.0 volt VCC supply. Additional 12.0 volt VPP is not required for in-system write or erase operations. However, the A29800B can also be programmed in standard EPROM programmers.
The A29800B has the first toggle bit, I/O6, which indicates whether an Embedded Program or Erase is in progress, or it is in the Erase Suspend. Besides the I/O6 toggle bit, the A29800B has a second toggle bit, I/O2, to indicate whether the addressed sector is being selected for erase. The A29800B also offers the ability to program in the Erase Suspend mode. The standard A29800B offers access time of 55ns, allowing high-speed microprocessors to operate without wait states. To eliminate bus contention the device has separate chip enable ( CE ), write enable ( WE ) and output enable (OE ) controls.

Features
■ Single power supply operation
- Full voltage range: 4.5 to 5.5 volt for read and write operations
■ Access time:
   - 55ns (max.)
■ Current:
   - 20 mA typical active read current
   - 30 mA typical program/erase current
   - 6μA typical CMOS standby
■ Flexible sector architecture
   - 16 Kbyte/ 8 KbyteX2/ 32 Kbyte/ 64 KbyteX15 sectors
   - 8 Kword/ 4 KwordX2/ 16 Kword/ 32 KwordX15 sectors
   - Any combination of sectors can be erased
   - Supports full chip erase
   - Sector protection:
      A hardware method of protecting sectors to prevent any
      inadvertent program or erase operations within that
      sector. Temporary Sector Unprotect feature allows code
      changes in previously locked sectors
■ Industrial operating temperature range: -40ºC to +85ºC for -U series
■ Unlock Bypass Program Command
   - Reduces overall programming time when issuing
      multiple program command sequence
■ Top or bottom boot block configurations available
■ Embedded Algorithms
   - Embedded Erase algorithm will automatically erase the
      entire chip or any combination of designated sectors and
      verify the erased sectors
   - Embedded Program algorithm automatically writes and
      verifies data at specified addresses
■ Minimum 100,000 program/erase cycles per sector
■ 20-year data retention at 125ºC
   - Reliable operation for the life of the system
■ Compatible with JEDEC-standards
   - Pinout and software compatible with single-power-supply
      Flash memory standard
   - Superior inadvertent write protection
■ Data Polling and toggle bits
   - Provides a software method of detecting completion of
      program or erase operations
■ Ready / BUSY pin (RY / BY )
   - Provides a hardware method of detecting completion of
      program or erase operations
■ Erase Suspend/Erase Resume
   - Suspends a sector erase operation to read data from, or
      program data to, a non-erasing sector, then resumes the
      erase operation
■ Hardware reset pin (RESET )
- Hardware method to reset the device to reading array data
■ Package options
   - 48-pin TSOP (I) or 48-ball TFBGA
   - All Pb-free (Lead-free) products are RoHS2.0 compliant




Similar Part No. - A29800BUG-55F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29800 AMICC-A29800 Datasheet
514Kb / 34P
1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800A AMICC-A29800A Datasheet
489Kb / 40P
Boot Sector Flash Memory
A29800TM-55 AMICC-A29800TM-55 Datasheet
514Kb / 34P
1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800TM-70 AMICC-A29800TM-70 Datasheet
514Kb / 34P
1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800TM-90 AMICC-A29800TM-90 Datasheet
514Kb / 34P
1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Similar Description - A29800BUG-55F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29400 AMICC-A29400 Datasheet
497Kb / 33P
512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800 AMICC-A29800 Datasheet
514Kb / 34P
1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800A AMICC-A29L800A Datasheet
503Kb / 36P
1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AS008J SPANSION-S29AS008J Datasheet
1Mb / 55P
8 Megabit (1M x 8-Bit / 512K x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
logo
AMIC Technology
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29160B AMICC-A29160B Datasheet
508Kb / 43P
2M X 8 Bit / 1M X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29400A AMICC-A29400A Datasheet
383Kb / 34P
512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29801B AMICC-A29801B Datasheet
489Kb / 40P
1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com