Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M41T0M6E Datasheet (PDF) - STMicroelectronics

M41T0M6E Datasheet PDF - STMicroelectronics
Part # M41T0M6E
Download  M41T0M6E Download
File Size   260.56 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SERIAL REAL-TIME CLOCK

M41T0M6E Datasheet (PDF)

Go To PDF Page Download Datasheet
M41T0M6E Datasheet PDF - STMicroelectronics

Part # M41T0M6E
Download  M41T0M6E Click to download

File Size   260.56 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SERIAL REAL-TIME CLOCK

M41T0M6E Datasheet (HTML) - STMicroelectronics


M41T0M6E Product details

SUMMARY DESCRIPTION
The M41T0 TIMEKEEPER® RAM is a low power Serial TIMEKEEPER with a built-in 32.768kHz oscillator (external crystal controlled). Eight registers are used for the clock/calendar function and are configured in binary coded decimal (BCD) format.
Addresses and data are transferred serially via a two-line bi-directional bus. The built-in address register is incremented automatically after each WRITE or READ data byte.
The M41T0 is supplied in 8 lead Plastic Small Outline package.

FEATURES SUMMARY
■ 2.0 TO 5.5V CLOCK OPERATING VOLTAGE
■ COUNTERS FOR SECONDS, MINUTES, HOURS, DAY, DATE, MONTH, YEARS, and CENTURY
■ YEAR 2000 COMPLIANT
■ I2C BUS COMPATIBLE (400kHz)
■ LOW OPERATING CURRENT OF 130µA
■ OPERATING TEMPERATURE OF –40 TO 85°C
■ AUTOMATIC LEAP YEAR COMPENSATION
■ SPECIAL SOFTWARE PROGRAMMABLE OUTPUT
■ OSCILLATOR STOP DETECTION




Similar Part No. - M41T0M6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T0M6E STMICROELECTRONICS-M41T0M6E Datasheet
185Kb / 22P
Serial real-time clock
13-May-2008
M41T0M6E STMICROELECTRONICS-M41T0M6E Datasheet
309Kb / 23P
Serial real-time clock
09-Jun-2011
More results


Similar Description - M41T0M6E

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1337 DALLAS-DS1337 Datasheet
364Kb / 13P
Serial Real-Time Clock
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
291Kb / 18P
Serial Real-Time Clock
logo
STMicroelectronics
M41T00 STMICROELECTRONICS-M41T00_08 Datasheet
205Kb / 25P
Serial real-time clock
15-May-2008
M41T0 STMICROELECTRONICS-M41T0_08 Datasheet
185Kb / 22P
Serial real-time clock
13-May-2008
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
Serial access real-time clock
14-May-2008
logo
Integrated Device Techn...
IDT5P90005 IDT-IDT5P90005 Datasheet
303Kb / 16P
SERIAL REAL-TIME CLOCK
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0_11 Datasheet
310Kb / 23P
Serial real-time clock
09-Jun-2011
logo
Integrated Device Techn...
IDT5P90005C IDT-IDT5P90005C Datasheet
146Kb / 15P
Serial Real-Time Clock
logo
Renesas Technology Corp
IDT5P90005C RENESAS-IDT5P90005C Datasheet
338Kb / 16P
Serial Real-Time Clock
2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com