Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL1D Datasheet (PDF) - Diode Semiconductor Korea

GL1D Datasheet PDF - Diode Semiconductor Korea
Part # GL1D
Download  GL1D Download
File Size   120.31 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SURFACE MOUNT RECTIFIERS

GL1D Datasheet (PDF)

Go To PDF Page Download Datasheet
GL1D Datasheet PDF - Diode Semiconductor Korea

Part # GL1D
Download  GL1D Click to download

File Size   120.31 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SURFACE MOUNT RECTIFIERS

GL1D Datasheet (HTML) - Diode Semiconductor Korea


GL1D Product details

REVERSE VOLTAGE: 50 - 1000 V
CURRENT: 1.0 A

FEATURES
◇ Plastic package has underwriters laboratory flammability classifications
◇ For surface mounted applications
◇ Low profile package
◇ Built-in strain relief, ideal for automated placement
◇ Glass passivated chip junction
◇ High temperature soldering: 250°C/10 seconds at terminals




Similar Part No. - GL1D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GL1D DIOTEC-GL1D Datasheet
157Kb / 2P
Surface Mount Si-Rectifiers
logo
Semikron International
GL1D SEMIKRON-GL1D Datasheet
116Kb / 2P
Standard silicon rectifier diodes
logo
Diotec Semiconductor
GL1D DIOTEC-GL1D Datasheet
102Kb / 2P
Surface Mount Silicon Rectifier Diodes
logo
Shenzhen Luguang Electr...
GL1D LUGUANG-GL1D Datasheet
183Kb / 2P
Surface Mount Rectifiers
logo
Diotec Semiconductor
GL1D DIOTEC-GL1D Datasheet
141Kb / 2P
Standard Recovery SMD Rectifier Diodes
More results


Similar Description - GL1D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com