Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U634H256SC25 Datasheet (PDF) - Zentrum Mikroelektronik Dresden AG

U634H256SC25 Datasheet PDF - Zentrum Mikroelektronik Dresden AG
Part # U634H256SC25
Download  U634H256SC25 Download
File Size   248.65 Kbytes
Page   14 Pages
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG
Description POWERSTORE 32K X 8 NVSRAM

U634H256SC25 Datasheet (PDF)

Go To PDF Page Download Datasheet
U634H256SC25 Datasheet PDF - Zentrum Mikroelektronik Dresden AG

Part # U634H256SC25
Download  U634H256SC25 Click to download

File Size   248.65 Kbytes
Page   14 Pages
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG
Description POWERSTORE 32K X 8 NVSRAM

U634H256SC25 Datasheet (HTML) - Zentrum Mikroelektronik Dresden AG


U634H256SC25 Product details

Description

The U634H256 has two separate modes of operation: SRAM mode and nonvolatile mode. In SRAM mode, the memory operates as an ordinary static RAM. In nonvolatile operation, data is transferred in parallel from SRAM to EEPROM or from EEPROM to SRAM. In this mode SRAM functions are disabled.

The U634H256 is a fast static RAM (25, 35, 45 ns), with a nonvolatile electrically erasable PROM (EEPROM) element incorporated in each static memory cell. The SRAM can be read and written an unlimited number of times, while independent nonvolatile data resides in EEPROM. Data transfers from the SRAM to the EEPROM (the STORE operation) take place automatically upon power down using charge stored in an external 100 µF capacitor.



Features

❐ High-performance CMOS non volatile static RAM 32768 x 8 bits

❐ 25, 35 and 45 ns Access Times

❐ 10, 15 and 20 ns Output Enable Access Times

❐ ICC = 15 mA typ. at 200 ns Cycle Time

❐ Automatic STORE to EEPROM on Power Down using external capacitor

❐ Hardware or Software initiated STORE (STORE Cycle Time < 10 ms)

❐ Automatic STORE Timing

❐ 105 STORE cycles to EEPROM

❐ 10 years data retention in EEPROM

❐ Automatic RECALL on Power Up

❐ Software RECALL Initiation (RECALL Cycle Time < 20 µs)

❐ Unlimited RECALL cycles from EEPROM

❐ Single 5 V ± 10 % Operation

❐ Operating temperature ranges:

   0 to 70 °C

   -40 to 85 °C

   -40/-55 to 125 °C (only 35 ns)

❐ QS 9000 Quality Standard

❐ ESD protection > 2000 V (MIL STD 883C M3015.7-HBM)

❐ Packages: SOP32 (300 mil), PDIP32 (600 mil, only C/K-Type)



 




Similar Part No. - U634H256SC25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U634H256S2A25G1 SIMTEK-U634H256S2A25G1 Datasheet
359Kb / 15P
PowerStore 32K x 8 nvSRAM
U634H256S2A35G1 SIMTEK-U634H256S2A35G1 Datasheet
359Kb / 15P
PowerStore 32K x 8 nvSRAM
U634H256S2A45G1 SIMTEK-U634H256S2A45G1 Datasheet
359Kb / 15P
PowerStore 32K x 8 nvSRAM
U634H256S2C25G1 SIMTEK-U634H256S2C25G1 Datasheet
359Kb / 15P
PowerStore 32K x 8 nvSRAM
U634H256S2C35G1 SIMTEK-U634H256S2C35G1 Datasheet
359Kb / 15P
PowerStore 32K x 8 nvSRAM
More results


Similar Description - U634H256SC25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UL634H256 ETC-UL634H256 Datasheet
232Kb / 14P
LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
UL635H256 ETC-UL635H256 Datasheet
211Kb / 13P
LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
PowerStore 2K x 8 nvSRAM
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
PowerStore 8K x 8 nvSRAM
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
PowerStore 32K x 8 nvSRAM
U634H256XS SIMTEK-U634H256XS Datasheet
256Kb / 17P
PowerStore 32K x 8 nvSRAM Die
U635H256 SIMTEK-U635H256 Datasheet
258Kb / 14P
PowerStore 32K x 8 nvSRAM
UL634H256 SIMTEK-UL634H256 Datasheet
350Kb / 15P
Low Voltage PowerStore 32K x 8 nvSRAM
UL635H256 SIMTEK-UL635H256 Datasheet
187Kb / 14P
Low Voltage PowerStore 32K x 8 nvSRAM
logo
Cypress Semiconductor
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
256 Kbit (32K x 8) PowerStore nvSRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com