Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF624 Datasheet (PDF) - Inchange Semiconductor Company Limited

IRF624 Datasheet PDF - Inchange Semiconductor Company Limited
Part # IRF624
Download  IRF624 Download
File Size   45.23 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel MOSFET Transistor

IRF624 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF624 Datasheet PDF - Inchange Semiconductor Company Limited

Part # IRF624
Download  IRF624 Click to download

File Size   45.23 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel MOSFET Transistor

IRF624 Datasheet (HTML) - Inchange Semiconductor Company Limited


IRF624 Product details

• DESCRITION
• Designed for high speed applications, such as switching power supplies , AC and DC motor controls ,relay and solenoid drivers and other pulse.

• FEATURES
• RDS(on) =1.1Ω
• 3.8A and 250V
• single pulse avalanche energy rated
• SOA is Power- Dissipation Limited
• Linear Transfer Characteristics
• High Input Impedance




Similar Part No. - IRF624

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF624 FAIRCHILD-IRF624 Datasheet
874Kb / 10P
250V N-Channel MOSFET
logo
Vishay Siliconix
IRF624 VISHAY-IRF624 Datasheet
149Kb / 8P
Power MOSFET
19-Jun-08
IRF624 VISHAY-IRF624 Datasheet
159Kb / 8P
Power MOSFET
02-Aug-2021
logo
Fairchild Semiconductor
IRF624A FAIRCHILD-IRF624A Datasheet
220Kb / 7P
Advanced Power MOSFET
IRF624B FAIRCHILD-IRF624B Datasheet
874Kb / 10P
250V N-Channel MOSFET
More results


Similar Description - IRF624

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com