Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZGL41 Datasheet (PDF) - Vaishali Semiconductor

ZGL41 Datasheet PDF - Vaishali Semiconductor
Part # ZGL41
Download  ZGL41 Download
File Size   25.01 Kbytes
Page   2 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description Surface Mount Glass Passivated Zeners

ZGL41 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZGL41 Datasheet PDF - Vaishali Semiconductor

Part # ZGL41
Download  ZGL41 Click to download

File Size   25.01 Kbytes
Page   2 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description Surface Mount Glass Passivated Zeners

ZGL41 Datasheet (HTML) - Vaishali Semiconductor


ZGL41 Product details

Features
• Plastic package has Underwriters Laboratory Flammability
    Classification 94V-0
• For surface mount applications
• Glass passivated junction
• Low Zener impedance
• Low regulation factor
• High temperature soldering guaranteed:
    250°C/10 seconds at terminals
   




Similar Part No. - ZGL41

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ZGL41-100 GE-ZGL41-100 Datasheet
40Kb / 2P
SURFACE MOUNT GLASS PASSIVATED ZENER
logo
Vishay Siliconix
ZGL41-100 VISHAY-ZGL41-100 Datasheet
97Kb / 4P
Surface Mount Glass Passivated Power Voltage-Regulating Diodes
20-Oct-08
ZGL41-100-E3/96 VISHAY-ZGL41-100-E3/96 Datasheet
97Kb / 4P
Surface Mount Glass Passivated Power Voltage-Regulating Diodes
20-Oct-08
ZGL41-100-E3/97 VISHAY-ZGL41-100-E3/97 Datasheet
97Kb / 4P
Surface Mount Glass Passivated Power Voltage-Regulating Diodes
20-Oct-08
ZGL41-100A VISHAY-ZGL41-100A Datasheet
95Kb / 4P
Surface Mount Glass Passivated Power Voltage-Regulating Diodes
29-May-12
More results


Similar Description - ZGL41

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4099UR MICROSEMI-1N4099UR Datasheet
189Kb / 3P
GLASS SURFACE MOUNT 0.5 WATT ZENERS
1N5913BUR-1 MICROSEMI-1N5913BUR-1 Datasheet
191Kb / 3P
METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.5 WATT ZENERS
logo
Chenmko Enterprise Co. ...
HBM21PT CHENMKO-HBM21PT Datasheet
215Kb / 2P
SURFACE MOUNT GLASS PASSIVATED
logo
Leshan Radio Company
FFM101 LRC-FFM101_15 Datasheet
178Kb / 4P
Surface Mount Glass Passivated
FM4937 LRC-FM4937_15 Datasheet
272Kb / 4P
Surface Mount Glass Passivated
HFM102 LRC-HFM102_15 Datasheet
179Kb / 4P
Surface Mount Glass Passivated
HFM103 LRC-HFM103_15 Datasheet
179Kb / 4P
Surface Mount Glass Passivated
logo
PACELEADER INDUSTRIAL
PFFM101 PACELEADER-PFFM101 Datasheet
294Kb / 2P
SURFACE MOUNT GLASS PASSIVATED
logo
Microsemi Corporation
1N5221BUR-1 MICROSEMI-1N5221BUR-1 Datasheet
405Kb / 6P
METALLURGICALLY BONDED GLASS SURFACE MOUNT 500 mW ZENERS
Rev. 1
1N4728UR-1 MICROSEMI-1N4728UR-1 Datasheet
132Kb / 5P
METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.0 W ZENERS
REV A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com