Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

251B00F503C3N1 Datasheet (PDF) - CTS Corporation

251B00F503C3N1 Datasheet PDF - CTS Corporation
Part # 251B00F503C3N1
Download  251B00F503C3N1 Download
File Size   269.42 Kbytes
Page   2 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Long Life 9mm Carbon Composition Rotary Potentiometer

251B00F503C3N1 Datasheet (PDF)

Go To PDF Page Download Datasheet
251B00F503C3N1 Datasheet PDF - CTS Corporation

Part # 251B00F503C3N1
Download  251B00F503C3N1 Click to download

File Size   269.42 Kbytes
Page   2 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Long Life 9mm Carbon Composition Rotary Potentiometer

251B00F503C3N1 Datasheet (HTML) - CTS Corporation




Similar Part No. - 251B00F503C3N1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
251B00F252A1N1 CTS-251B00F252A1N1 Datasheet
68Kb / 2P
Long life, 9mm diameter, composition element, variable resistor
251B00F252A1NB CTS-251B00F252A1NB Datasheet
68Kb / 2P
Long life, 9mm diameter, composition element, variable resistor
251B00F252A1T1 CTS-251B00F252A1T1 Datasheet
68Kb / 2P
Long life, 9mm diameter, composition element, variable resistor
251B00F252A1TB CTS-251B00F252A1TB Datasheet
68Kb / 2P
Long life, 9mm diameter, composition element, variable resistor
251B00F252A2N1 CTS-251B00F252A2N1 Datasheet
68Kb / 2P
Long life, 9mm diameter, composition element, variable resistor
More results


Similar Description - 251B00F503C3N1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
251 CTS-251 Datasheet
68Kb / 2P
Long life, 9mm diameter, composition element, variable resistor
logo
Sharma Electro Componen...
WS-2A SHARMA-WS-2A Datasheet
787Kb / 1P
WS Series Hot-Molded Carbon Composition Potentiometer
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
Carbon Composition Potentiometer
logo
CTS Corporation
201XR CTS-201XR Datasheet
2Mb / 2P
Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
Commercial 9mm Carbon Composition Rotary Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
logo
Bi technologies
P09X BITECH-P09X_14 Datasheet
162Kb / 6P
9mm Rotary Potentiometer
logo
TOCOSAMERICA, INC.
TP96N93 TOCOS-TP96N93 Datasheet
491Kb / 2P
Long Life 9mm Square, Single-Turn, Carbon Panel Controls
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com