Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9N90L Datasheet (PDF) - Inchange Semiconductor Company Limited

9N90L Datasheet PDF - Inchange Semiconductor Company Limited
Part # 9N90L
Download  9N90L Download
File Size   58.2 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Fast Switching Speed

9N90L Datasheet (PDF)

Go To PDF Page Download Datasheet
9N90L Datasheet PDF - Inchange Semiconductor Company Limited

Part # 9N90L
Download  9N90L Click to download

File Size   58.2 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Fast Switching Speed

9N90L Datasheet (HTML) - Inchange Semiconductor Company Limited


9N90L Product details

•DESCRIPTION
•Drain Current ID= 9A@ TC=25℃
•Drain Source Voltage-
   : VDSS= 900V(Min)
•Fast Switching Speed

•APPLICATIONS
•General purpose power amplifier




Similar Part No. - 9N90L

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
9N90L-T3P-T UTC-9N90L-T3P-T Datasheet
433Kb / 8P
Power MOSFET
9N90L-T3P-T UTC-9N90L-T3P-T Datasheet
299Kb / 6P
900V N-CHANNEL MOSFET
9N90L-T3P-T UTC-9N90L-T3P-T Datasheet
255Kb / 6P
9A, 900V N-CHANNEL POWER MOSFET
9N90L-T3P-T UTC-9N90L-T3P-T Datasheet
253Kb / 7P
N-CHANNEL POWER MOSFET
9N90L-T3P-T UTC-9N90L-T3P-T Datasheet
246Kb / 6P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
More results


Similar Description - 9N90L

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N3004W SURGE-1N3004W Datasheet
393Kb / 3P
fast switching speed
logo
SHENZHEN YONGERJIA INDU...
MMBD4448AQW WINNERJOIN-MMBD4448AQW Datasheet
133Kb / 2P
Fast Switching Speed
logo
Nanjing International G...
BAV19W DGNJDZ-BAV19W Datasheet
111Kb / 3P
Fast switching speed
BAV19WS DGNJDZ-BAV19WS Datasheet
100Kb / 3P
Fast switching speed
BAV23A DGNJDZ-BAV23A Datasheet
308Kb / 1P
Fast Switching Speed
BAV23S DGNJDZ-BAV23S Datasheet
541Kb / 2P
Fast switching speed
logo
Inchange Semiconductor ...
2SK310 ISC-2SK310 Datasheet
65Kb / 2P
Fast Switching Speed
2SK387 ISC-2SK387 Datasheet
67Kb / 2P
Fast Switching Speed
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com