Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N35 Datasheet (PDF) - Inchange Semiconductor Company Limited

4N35 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 4N35
Download  4N35 Download
File Size   65.63 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Fast Switching Speed

4N35 Datasheet (PDF)

Go To PDF Page Download Datasheet
4N35 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 4N35
Download  4N35 Click to download

File Size   65.63 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Fast Switching Speed

4N35 Datasheet (HTML) - Inchange Semiconductor Company Limited


4N35 Product details

DESCRIPTION
• Drain Current ID= 4A@ TC=25℃
• Drain Source Voltage-
   : VDSS= 350V(Min)
• Fast Switching Speed

APPLICATIONS
• General purpose power amplifier




Similar Part No. - 4N35

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
4N35 MOTOROLA-4N35 Datasheet
276Kb / 6P
STANDARD THRU HOLE CASE 730A-04
logo
Vishay Siliconix
4N35 VISHAY-4N35 Datasheet
157Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
27-Jan-05
logo
Toshiba Semiconductor
4N35 TOSHIBA-4N35 Datasheet
333Kb / 6P
PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
logo
QT Optoelectronics
4N35 QT-4N35 Datasheet
569Kb / 5P
PHOTOTRANSISTOR OPTOCOULERS
logo
Fairchild Semiconductor
4N35 FAIRCHILD-4N35 Datasheet
608Kb / 15P
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Similar Description - 4N35

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N3004W SURGE-1N3004W Datasheet
393Kb / 3P
fast switching speed
logo
SHENZHEN YONGERJIA INDU...
MMBD4448AQW WINNERJOIN-MMBD4448AQW Datasheet
133Kb / 2P
Fast Switching Speed
logo
Nanjing International G...
BAV19W DGNJDZ-BAV19W Datasheet
111Kb / 3P
Fast switching speed
BAV19WS DGNJDZ-BAV19WS Datasheet
100Kb / 3P
Fast switching speed
BAV23A DGNJDZ-BAV23A Datasheet
308Kb / 1P
Fast Switching Speed
BAV23S DGNJDZ-BAV23S Datasheet
541Kb / 2P
Fast switching speed
logo
Inchange Semiconductor ...
2SK310 ISC-2SK310 Datasheet
65Kb / 2P
Fast Switching Speed
2SK387 ISC-2SK387 Datasheet
67Kb / 2P
Fast Switching Speed
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com