Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ494CD Datasheet (PDF) - List of Unclassifed Manufacturers

PJ494CD Datasheet PDF - List of Unclassifed Manufacturers
Part # PJ494CD
Download  PJ494CD Download
File Size   688.96 Kbytes
Page   11 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Switchmode Pulse Width Modulation Control Circuit

PJ494CD Datasheet (PDF)

Go To PDF Page Download Datasheet
PJ494CD Datasheet PDF - List of Unclassifed Manufacturers

Part # PJ494CD
Download  PJ494CD Click to download

File Size   688.96 Kbytes
Page   11 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Switchmode Pulse Width Modulation Control Circuit

PJ494CD Datasheet (HTML) - List of Unclassifed Manufacturers


PJ494CD Product details

Switchmode Pulse Width Modulation Control Circuit



The PJ494 incorporates on a single monolithic chip all the functions required in the construction of a pulse width-modulation control circuit. Designed primarily for power supply control, these devices offer the systems engineer the flexibility to tailor the power supply control circuitry to his application.



FEATURES

•  Complete PWM Power Control Circuitry

•  Uncommitted Outputs for 200mA Sink or Source Current

•  Output Control Selects Single-Ended or Push –Pull Operation

•  Internal Circuitry Prohibits Double Pulse at Either Output

•  Variable Dead-Time Provides Control over Total Range

•  Internal Regulator Provides a Stable 5-V Reference Supply, 5%




Similar Part No. - PJ494CD

ManufacturerPart #DatasheetDescription
logo
FLEXTRAL
PJ4-04BLM FLEXTRAL-PJ4-04BLM Datasheet
464Kb / 1P
PROJET4200 4200 PSI Pressure Washer Hose
PJ4-06BK FLEXTRAL-PJ4-06BK Datasheet
464Kb / 1P
PROJET4200 4200 PSI Pressure Washer Hose
PJ4-06BK-050C FLEXTRAL-PJ4-06BK-050C Datasheet
464Kb / 1P
PROJET4200 4200 PSI Pressure Washer Hose
PJ4-06BK-100C FLEXTRAL-PJ4-06BK-100C Datasheet
464Kb / 1P
PROJET4200 4200 PSI Pressure Washer Hose
PJ4-06BLM FLEXTRAL-PJ4-06BLM Datasheet
464Kb / 1P
PROJET4200 4200 PSI Pressure Washer Hose
More results


Similar Description - PJ494CD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL494 MOTOROLA-TL494 Datasheet
197Kb / 12P
SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
TL594 MOTOROLA-TL594 Datasheet
198Kb / 12P
PRECISION SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
TL494 ONSEMI-TL494 Datasheet
143Kb / 12P
SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
April, 2004 ??Rev. 5
logo
Ceramate Technical
CP494 CERAMATE-CP494 Datasheet
155Kb / 11P
SWITCHMODE Pulse Width Modulation Control Circuit
logo
ON Semiconductor
TL594 ONSEMI-TL594 Datasheet
145Kb / 12P
Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
TL494 ONSEMI-TL494_05 Datasheet
144Kb / 14P
SWITCHMODE TM Pulse Width Modulation Control Circuit
June, 2005 ??Rev. 6
logo
First Components Intern...
TL494 FCI-TL494 Datasheet
634Kb / 11P
Switchmode Pulse Width Modulation Control Circuits
logo
Estek Electronics Co. L...
ET-KA7500 ESTEK-ET-KA7500 Datasheet
478Kb / 4P
SWITCHMODE Pulse Width Modulation Control Circuit
logo
ON Semiconductor
TL594 ONSEMI-TL594_10 Datasheet
151Kb / 12P
Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
logo
First Components Intern...
TL494AP FCI-TL494AP Datasheet
205Kb / 7P
Switchmode Pulse - Width - Modulation Control Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com