Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE30 Datasheet (PDF) - Comchip Technology

1.5KE30 Datasheet PDF - Comchip Technology
Part # 1.5KE30
Download  1.5KE30 Download
File Size   131.79 Kbytes
Page   6 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description 1500W Transient Voltage Suppressor

1.5KE30 Datasheet (PDF)

Go To PDF Page Download Datasheet
1.5KE30 Datasheet PDF - Comchip Technology

Part # 1.5KE30
Download  1.5KE30 Click to download

File Size   131.79 Kbytes
Page   6 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description 1500W Transient Voltage Suppressor

1.5KE30 Datasheet (HTML) - Comchip Technology


1.5KE30 Product details

Breakdown Voltage: 6.8 - 440 Volts
Power: 1500 Watt

Features
- Plastic package has underwriters laboratory flammability classification 94V-0
- 1500W surge capability at 1ms
- Excellent clamping capability
- Low zener impedance
- Fast response time:typically less than 1.0 ps from 0 Volts to Bv min
- Typical Ir less than 1µA above 10V
- High temperature oldering guaranteed:260°C/10s/.375” (9.5mm) lead length/5lbs., (2.3kg) tension




Similar Part No. - 1.5KE30

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE30 TRSYS-1.5KE30 Datasheet
251Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
1.5KE30 WTE-1.5KE30 Datasheet
65Kb / 5P
1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
1.5KE30 BYTES-1.5KE30 Datasheet
304Kb / 4P
1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
EIC discrete Semiconduc...
1.5KE30 EIC-1.5KE30 Datasheet
28Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
1.5KE30 LITTELFUSE-1.5KE30 Datasheet
92Kb / 3P
1500 WATT AXIAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Similar Description - 1.5KE30

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
1500W TRANSIENT VOLTAGE SUPPRESSOR
Rev 13.2.2003
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
1500W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
1500W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
1500W Transient Voltage Suppressor
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com