Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE22A Datasheet (PDF) - Comchip Technology

P6KE22A Datasheet PDF - Comchip Technology
Part # P6KE22A
Download  P6KE22A Download
File Size   106.55 Kbytes
Page   4 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description 600w Transient Voltage Suppressor

P6KE22A Datasheet (PDF)

Go To PDF Page Download Datasheet
P6KE22A Datasheet PDF - Comchip Technology

Part # P6KE22A
Download  P6KE22A Click to download

File Size   106.55 Kbytes
Page   4 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description 600w Transient Voltage Suppressor

P6KE22A Datasheet (HTML) - Comchip Technology


P6KE22A Product details

Features

- plastic package has underwriters laboratory flammability classification 94v-0

- 600w surge capability at 1ms

- Excellent clamping capability

- Low zener impedance

- Fast response time:typically less than 1.0 ps from 0 volts to bv min

- High temperature soldering guaranteed:260 ./10s /.375.(9.5mm) lead length/5lbs., (2.3kg) tension

- Typical TR less than 1µa above 10V



 




Similar Part No. - P6KE22A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE22A MOTOROLA-P6KE22A Datasheet
81Kb / 7P
ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Pan Jit International I...
P6KE22A PANJIT-P6KE22A Datasheet
62Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
STMicroelectronics
P6KE22A STMICROELECTRONICS-P6KE22A Datasheet
78Kb / 6P
UNI AND BIDIRECTIONAL TYPES, PEAK PULSEPOWER : 600W
Nov-1998
logo
Surge Components
P6KE22A SURGE-P6KE22A Datasheet
201Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
Transys Electronics
P6KE22A TRSYS-P6KE22A Datasheet
211Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - P6KE22A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
600w Transient Voltage Suppressor
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
600W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
600W Transient Voltage Suppressor
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
600W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
600W Transient Voltage Suppressor
P6SMB LEIDITECH-P6SMB Datasheet
1Mb / 6P
600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
600W Transient Voltage Suppressor
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com