Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF04S Datasheet (PDF) - Comchip Technology

DF04S Datasheet PDF - Comchip Technology
Part # DF04S
Download  DF04S Download

File Size   52.59 Kbytes
Page   2 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD Genenal Purpose Bridge Rectifier

DF04S Datasheet (PDF)

Go To PDF Page Download Datasheet
DF04S Datasheet PDF - Comchip Technology

Part # DF04S
Download  DF04S Click to download

File Size   52.59 Kbytes
Page   2 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD Genenal Purpose Bridge Rectifier

DF04S Datasheet (HTML) - Comchip Technology

DF04S Datasheet HTML 1Page - Comchip Technology DF04S Datasheet HTML 2Page - Comchip Technology

DF04S Product details

Glass PassivatedType

Reverse V oltage: 50- 1000 Volts

Forward Current:1.0 Amp



Features

Ideal for surface mountapplications

Easy pickand place

Plastic packagehas UnderwritersLab.

flammability classification 94V-0

Low forwardvoltage drop

Glas passivatedjunction




Similar Part No. - DF04S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF04S WTE-DF04S Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DF04S WINNERJOIN-DF04S Datasheet
216Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
DF04S DAESAN-DF04S Datasheet
236Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
HY ELECTRONIC CORP.
DF04S HY-DF04S Datasheet
369Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
logo
Gulf Semiconductor
DF04S GULFSEMI-DF04S Datasheet
84Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
More results


Similar Description - DF04S

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
B05SGS COMCHIP-B05SGS Datasheet
79Kb / 2P
   SMD Genenal Purpose Bridge Rectifier
B05S COMCHIP-B05S Datasheet
70Kb / 2P
   SMD Genenal Purpose Bridge Rectifier
DF15005S COMCHIP-DF15005S Datasheet
52Kb / 2P
   SMD Genenal Purpose Bridge Rectifier
CGRL0501 COMCHIP-CGRL0501 Datasheet
69Kb / 2P
   SMD Genenal Purpose Rectifier
CGRB301 COMCHIP-CGRB301 Datasheet
63Kb / 2P
   SMD Genenal Purpose Rectifier
CGRC501 COMCHIP-CGRC501 Datasheet
62Kb / 2P
   SMD Genenal Purpose Rectifier
CGRB201 COMCHIP-CGRB201 Datasheet
63Kb / 2P
   SMD Genenal Purpose Rectifier
CGRC301 COMCHIP-CGRC301 Datasheet
63Kb / 2P
   SMD Genenal Purpose Rectifier
CGRA4001 COMCHIP-CGRA4001 Datasheet
63Kb / 2P
   SMD Genenal Purpose Rectifier
CGRM4001 COMCHIP-CGRM4001 Datasheet
61Kb / 2P
   SMD Genenal Purpose Rectifier
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com