Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP11FP Datasheet (PDF) - Analog Devices

OP11FP Datasheet PDF - Analog Devices
Part # OP11FP
Download  OP11FP Download
File Size   137.21 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Matched 741-Type Operational Amplifiers

OP11FP Datasheet (PDF)

Go To PDF Page Download Datasheet
OP11FP Datasheet PDF - Analog Devices

Part # OP11FP
Download  OP11FP Click to download

File Size   137.21 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Matched 741-Type Operational Amplifiers

OP11FP Datasheet (HTML) - Analog Devices


OP11FP Product details

GENERAL DESCRIPTION
The OP11 provides four matched 741-type operational amplifiers in a single 14-lead DIP package. The OP11 is pin compatible with the LM148, LM348, RM4156, RM4158, and HA4741 amplifiers. The amplifier is matched for common-mode rejection ratio and offset voltage which is very important in designing instrumentation amplifiers.

FEATURES
   Guaranteed VOS: 500µV Max
   Guaranteed Matched CMRR: 94 dB Min
   Guaranteed Matched VOS: 750 V Max
   LM148/LM348 Direct Replacement
   Low Noise
   Silicon-Nitride Passivation
   Internal Frequency Compensation
   Low Crossover Distortion
   Continuous Short-Circuit Protection
   Low Input Bias Current




Similar Part No. - OP11FP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP11 AD-OP11 Datasheet
718Kb / 7P
Quad Matched 741-Type Operational Amplifiers
OP11 AD-OP11 Datasheet
260Kb / 12P
Quad Matched 741-Type Operational Amplifiers
REV. B
OP11 AD-OP11 Datasheet
260Kb / 12P
Quad Matched 741-Type Operational Amplifiers
REV. B
OP110AY AD-OP110AY Datasheet
478Kb / 12P
Dual Matched Instrumentation Operational Amplifier
OP110CY AD-OP110CY Datasheet
478Kb / 12P
Dual Matched Instrumentation Operational Amplifier
More results


Similar Description - OP11FP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3303 NSC-LM3303 Datasheet
200Kb / 10P
Quad Operational Amplifiers
logo
Analog Devices
OP-09 AD-OP-09 Datasheet
718Kb / 7P
Quad Matched 741-Type Operational Amplifiers
logo
Motorola, Inc
MC1537 MOTOROLA-MC1537 Datasheet
245Kb / 4P
MATCHED DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
QUAD OPERATIONAL AMPLIFIERS
logo
Estek Electronics Co. L...
ET-LM324 ESTEK-ET-LM324 Datasheet
287Kb / 6P
Quad Operational Amplifiers
Version 0.2 27 July 2011
logo
Analog Devices
OP11EPZ AD-OP11EPZ Datasheet
260Kb / 12P
Quad Matched 741-Type Operational Amplifiers
REV. B
OP11EPZ AD-OP11EPZ Datasheet
260Kb / 12P
Quad Matched 741-Type Operational Amplifiers
REV. B
OP-09 AD-OP-09_15 Datasheet
727Kb / 7P
QUAN MATCHED 741 TYPE OPERATIONAL AMPLIGIERS
OP-11 AD-OP-11_15 Datasheet
727Kb / 7P
QUAD MATCHED 741 TYPE OPERATIONAL AMPLIGIERS
OP11 AD-OP11_15 Datasheet
260Kb / 12P
Quad Matched 741-Type Operational Amplifiers
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com