Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8305AG Datasheet (PDF) - Integrated Circuit Systems

ICS8305AG Datasheet PDF - Integrated Circuit Systems
Part # ICS8305AG
Download  ICS8305AG Download
File Size   213.46 Kbytes
Page   16 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER

ICS8305AG Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8305AG Datasheet PDF - Integrated Circuit Systems

Part # ICS8305AG
Download  ICS8305AG Click to download

File Size   213.46 Kbytes
Page   16 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER

ICS8305AG Datasheet (HTML) - Integrated Circuit Systems


ICS8305AG Product details

GENERAL DESCRIPTION
The ICS8305 is a low skew, 1-to-4, Differential/LVCMOS-to-LVCMOS/LVTTL Fanout Buffer and a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. The ICS8305 has selectable clock inputs that accept either differential or single ended input levels. The clock enable is internally synchronized to eliminate runt pulses on the outputs during asynchronous assertion/deassertion of the clock enable pin. Outputs are forced LOW when the clock is disabled. A separate output enable pin controls whether the outputs are in the active or high impedance state.

FEATURES
• 4 LVCMOS/LVTTL outputs
• Selectable differential or LVCMOS/LVTTL clock inputs
• CLK, nCLK pair can accept the following differential input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• LVCMOS_CLK supports the following input types: LVCMOS, LVTTL
• Maximum output frequency: 350MHz
• Output skew: 35ps (maximum)
• Part-to-part skew: 700ps (maximum)
• Additive phase jitter, RMS: 0.04ps (typical)
• 3.3V core, 3.3V, 2.5V or 1.8V output operating supply
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request




Similar Part No. - ICS8305AG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8305AGI ICST-ICS8305AGI Datasheet
210Kb / 15P
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B MAY 19, 2005
ICS8305AGILF ICST-ICS8305AGILF Datasheet
210Kb / 15P
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B MAY 19, 2005
ICS8305AGILFT ICST-ICS8305AGILFT Datasheet
210Kb / 15P
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B MAY 19, 2005
ICS8305AGIT ICST-ICS8305AGIT Datasheet
210Kb / 15P
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B MAY 19, 2005
More results


Similar Description - ICS8305AG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8305I ICST-ICS8305I Datasheet
210Kb / 15P
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B MAY 19, 2005
logo
Integrated Device Techn...
ICS8305 IDT-ICS8305 Datasheet
2Mb / 17P
LOW SKEW, 1-TO-4 MULTIPLEXED DIFFERENTIAL LVCMOS-TO-LVCMOS/LVTTL
logo
Texas Instruments
LMK00804B TI1-LMK00804B Datasheet
2Mb / 32P
Low Skew, 1-to-4 Multiplexed Differential/LVCMOS-to-LVCMOS/TTL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
logo
Integrated Device Techn...
8304 IDT-8304 Datasheet
154Kb / 11P
Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
ICS8305 IDT-ICS8305_14 Datasheet
428Kb / 17P
Low Skew, 1-to-4 Multiplexed Differential/LVCMOS-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
8305-02 RENESAS-8305-02 Datasheet
1Mb / 21P
Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
May 19, 2016
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
ICS8305I-02 RENESAS-ICS8305I-02 Datasheet
1Mb / 21P
Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
2019
ICS8305I RENESAS-ICS8305I Datasheet
460Kb / 17P
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
SEPTEMBER 17, 2012
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com