Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US3M Datasheet (PDF) - Diotec Semiconductor

US3M Datasheet PDF - Diotec Semiconductor
Part # US3M
Download  US3M Download
File Size   164.75 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Ultrafast Switching Surface Mount Si-Rectifiers

US3M Datasheet (PDF)

Go To PDF Page Download Datasheet
US3M Datasheet PDF - Diotec Semiconductor

Part # US3M
Download  US3M Click to download

File Size   164.75 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Ultrafast Switching Surface Mount Si-Rectifiers

US3M Datasheet (HTML) - Diotec Semiconductor


US3M Product details

Ultrafast Recovery SMD Rectifier Diodes

Features
   VRRM up to 1000 V
   Compliant to RoHS, REACH,
   Conflict Minerals 1)

Typical Applications
   Rectification of higher frequencies,
   High speed switching
   Commercial grade 1)

Mechanical Data 1)
   Taped and reeled 3000 / 13“
   Weight approx. 0.21 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                    MSL = 1




Similar Part No. - US3M

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US3M SSE-US3M Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Semikron International
US3M SEMIKRON-US3M Datasheet
179Kb / 2P
Ultra silicon rectifier diodes
logo
Diotec Semiconductor
US3M DIOTEC-US3M Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
US3M SEMIKRON-US3M Datasheet
201Kb / 2P
Ultrafast silicon rectifier diodes
logo
MIC GROUP RECTIFIERS
US3M MIC-US3M Datasheet
62Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
More results


Similar Description - US3M

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
EGL1A DIOTEC-EGL1A Datasheet
121Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
EGL34A DIOTEC-EGL34A Datasheet
122Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
SUF4001 DIOTEC-SUF4001 Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
UF600A DIOTEC-UF600A Datasheet
154Kb / 2P
Ultrafast Switching Si-Rectifiers
UF5400 DIOTEC-UF5400 Datasheet
153Kb / 2P
Ultrafast Switching Si-Rectifiers
US1A DIOTEC-US1A Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
US2A DIOTEC-US2A Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
BAV100 DIOTEC-BAV100 Datasheet
133Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
SUF4001 DIOTEC-SUF4001_07 Datasheet
71Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
US3A DIOTEC-US3A_07 Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com