Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB07S Datasheet (PDF) - Olitech Electronics Co.Ltd

MB07S Datasheet PDF - Olitech Electronics Co.Ltd
Part # MB07S
Download  MB07S Download
File Size   516.93 Kbytes
Page   2 Pages
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd
Description Silicon Bridge Rectifiers

MB07S Datasheet (PDF)

Go To PDF Page Download Datasheet
MB07S Datasheet PDF - Olitech Electronics Co.Ltd

Part # MB07S
Download  MB07S Click to download

File Size   516.93 Kbytes
Page   2 Pages
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd
Description Silicon Bridge Rectifiers

MB07S Datasheet (HTML) - Olitech Electronics Co.Ltd


MB07S Product details

Single Phase 0.8 AMPS.
Voltage Range 200 to 1000Volts

Features
• Ideal for printed circuit board
• Reliable low cost construction technique
   results in inexpensive product
• High temperature soldering guaranteed:
   260℃ / 10 seconds / 0.375” ( 9.5mm )
   lead length at 5 lbs., ( 2.3 kg ) tension




Similar Part No. - MB07S

ManufacturerPart #DatasheetDescription
logo
IMO Precision Controls ...
MB07-F-22 IMO-MB07-F-22 Datasheet
208Kb / 3P
Mini Contactor MB
03/03
MB07-F-22110 IMO-MB07-F-22110 Datasheet
208Kb / 3P
Mini Contactor MB
03/03
MB07-F-22220 IMO-MB07-F-22220 Datasheet
208Kb / 3P
Mini Contactor MB
03/03
MB07-F-22230 IMO-MB07-F-22230 Datasheet
208Kb / 3P
Mini Contactor MB
03/03
MB07-F-2224 IMO-MB07-F-2224 Datasheet
208Kb / 3P
Mini Contactor MB
03/03
More results


Similar Description - MB07S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com