Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC858B-HF Datasheet (PDF) - Comchip Technology

BC858B-HF Datasheet PDF - Comchip Technology
Part # BC858B-HF
Download  BC858B-HF Download
File Size   163.09 Kbytes
Page   6 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description General Purpose Transistor

BC858B-HF Datasheet (PDF)

Go To PDF Page Download Datasheet
BC858B-HF Datasheet PDF - Comchip Technology

Part # BC858B-HF
Download  BC858B-HF Click to download

File Size   163.09 Kbytes
Page   6 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description General Purpose Transistor

BC858B-HF Datasheet (HTML) - Comchip Technology


BC858B-HF Product details

General Purpose Transistor

RoHS Device
Halogen Free

Features
​​​​​​​- Ideally suited for automatic insertion
- Power dissipation
   PCM: 0.25W (@TA=25°C)
- Low current.(max. 100mA)
- Collector-base voltage
   VCBO: BC856 = -80V
                BC857 = -50V
                BC858 = -30V
- Operating and storage junction temperature
   range: TJ, TSTG= -65 to +150°C

Mechanical data
- Case: SOT-23, molded plastic.
- Terminals: Solderable per MIL-STD-750, method 2026.




Similar Part No. - BC858B-HF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BC858B-3K ETC-BC858B-3K Datasheet
35Kb / 3P
SOT23 PNP SILICON PLANAR GENERAL PURPOSE TRANSISTORS
logo
Diodes Incorporated
BC858B-7 DIODES-BC858B-7 Datasheet
44Kb / 3P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 12 - 2
BC858B-7-F DIODES-BC858B-7-F Datasheet
194Kb / 7P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
Rev 22
logo
Micro Commercial Compon...
BC858B-TP MCC-BC858B-TP Datasheet
102Kb / 3P
PNP Small Signal Transistor310mW
More results


Similar Description - BC858B-HF

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com