Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2206CP Datasheet (PDF) - Exar Corporation

2206CP Datasheet PDF - Exar Corporation
Part # 2206CP
Download  2206CP Download
File Size   191.9 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Monolithic Function Generator

2206CP Datasheet (PDF)

Go To PDF Page Download Datasheet
2206CP Datasheet PDF - Exar Corporation

Part # 2206CP
Download  2206CP Click to download

File Size   191.9 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Monolithic Function Generator

2206CP Datasheet (HTML) - Exar Corporation


2206CP Product details

GENERAL DESCRIPTION
The XR-2206 is a monolithic function generator integrated circuit capable of producing high quality sine, square, triangle, ramp, and pulse waveforms of high-stability and accuracy. The output waveforms can be both amplitude and frequency modulated by an external voltage. Frequency of operation can be selected externally over a range of 0.01Hz to more than 1MHz.
The circuit is ideally suited for communications, instrumentation, and function generator applications requiring sinusoidal tone, AM, FM, or FSK generation. It has a typical drift specification of 20ppm/°C. The oscillator frequency can be linearly swept over a 2000:1 frequency range with an external control voltage, while maintaining low distortion.

FEATURES
● Low-Sine Wave Distortion, 0.5%, Typical
● Excellent Temperature Stability, 20ppm/°C, Typ.
● Wide Sweep Range, 2000:1, Typical
● Low-Supply Sensitivity, 0.01%V, Typ.
● Linear Amplitude Modulation
● TTL Compatible FSK Controls
● Wide Supply Range, 10V to 26V
● Adjustable Duty Cycle, 1% TO 99%

APPLICATIONS
● Waveform Generation
● Sweep Generation
● AM/FM Generation
● V/F Conversion
● FSK Generation
● Phase-Locked Loops (VCO)




Similar Part No. - 2206CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2206 ETC1-2206 Datasheet
32Kb / 1P
high Current Toroid Inductors
logo
Unisonic Technologies
2206 UTC-2206 Datasheet
121Kb / 4P
2.5W DUAL AUDIO POWER AMP
logo
List of Unclassifed Man...
2206 ETC2-2206 Datasheet
230Kb / 1P
FEMALE THREADED STANDOFFS
logo
Littelfuse
2206 LITTELFUSE-2206 Datasheet
682Kb / 3P
2206 Series, Lead-Free 2AG, Fast-Acting Fuse
logo
Heyco.
2206 HEYCO-2206 Datasheet
151Kb / 1P
Extra Dome Plugs
More results


Similar Description - 2206CP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE566 PHILIPS-NE566 Datasheet
50Kb / 5P
Function generator
April 15, 1992
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
Function/Arbitrary Waveform Generator
logo
Exar Corporation
XR-2206 EXAR-XR-2206_08 Datasheet
153Kb / 16P
Monolithic Function Generator
logo
List of Unclassifed Man...
AFG2021 ETC2-AFG2021 Datasheet
472Kb / 8P
Arbitrary/Function Generator
logo
Keysight Technologies
E1445A KEYSIGHT-E1445A Datasheet
133Kb / 4P
Arbitrary Function Generator
33250A KEYSIGHT-33250A Datasheet
440Kb / 5P
Function/Arbitrary Waveform Generator
logo
List of Unclassifed Man...
4010A ETC2-4010A Datasheet
697Kb / 1P
2 MHz Function Generator
logo
TEKTRONIX, INC.
AFG1000 TEKTRONIX-AFG1000 Datasheet
288Kb / 12P
Arbitrary/Function Generator
AFG2021 TEKTRONIX-AFG2021 Datasheet
796Kb / 12P
Arbitrary/Function Generator
logo
Good Will Instrument Co...
AFG-2100 GWINSTEK-AFG-2100 Datasheet
691Kb / 2P
ARBITRARY FUNCTION GENERATOR
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com